Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 8Page - Texas Instruments TMUX13 Datasheet HTML 9Page - Texas Instruments TMUX13 Datasheet HTML 10Page - Texas Instruments TMUX13 Datasheet HTML 11Page - Texas Instruments TMUX13 Datasheet HTML 12Page - Texas Instruments TMUX13 Datasheet HTML 13Page - Texas Instruments TMUX13 Datasheet HTML 14Page - Texas Instruments TMUX13 Datasheet HTML 15Page - Texas Instruments TMUX13 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
7.9 Injection Current Coupling
At specified VDD ±10%
Typical values measured at nominal VDD and TA = 25°C.
PARAMETER
VDD
TEST CONDITIONS
-40°C to 125°C
UNIT
MIN
TYP
MAX
INJECTION CURRENT COUPLING
ΔVOUT
Maximum shift of output voltage
of enabled analog input
1.8 V
RS ≤ 3.9 kΩ IINJ ≤ 1 mA
0.01
1
mV
3.3 V
0.05
1
5 V
0.1
1
1.8 V
RS ≤ 3.9 kΩ
IINJ ≤ 10
mA
0.01
2
3.3 V
0.3
3
5 V
0.06
4
1.8 V
RS ≤ 20 kΩ IINJ ≤ 1 mA
0.05
2
3.3 V
0.05
2
5 V
0.1
2
1.8 V
RS ≤ 20 kΩ
IINJ ≤ 10
mA
0.05
15
3.3 V
0.05
15
5 V
0.02
15
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com