Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 18Page - Texas Instruments TMUX13 Datasheet HTML 19Page - Texas Instruments TMUX13 Datasheet HTML 20Page - Texas Instruments TMUX13 Datasheet HTML 21Page - Texas Instruments TMUX13 Datasheet HTML 22Page - Texas Instruments TMUX13 Datasheet HTML 23Page - Texas Instruments TMUX13 Datasheet HTML 24Page - Texas Instruments TMUX13 Datasheet HTML 25Page - Texas Instruments TMUX13 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
8.2 Functional Block Diagram
The TMUX1308 is an 8:1, single-ended (1-channel), mux. The TMUX1309 is a 4:1, differential (2-channel) mux.
Each channel is turned on or turned off based on the state of the address lines and enable pin.
TMUX130 8
A0
A1
A2
EN
S1
D
S2
S3
S4
S5
S6
S7
S0
1-OF-8
DECODER
TMUX130 9
S0A
DB
S1A
S2A
S3A
S0B
S1B
S2B
S3B
DA
A0
A1
EN
1-OF-4
DECODER
Figure 8-12. TMUX1308 and TMUX1309 Functional Block Diagram
8.3 Feature Description
8.3.1 Bidirectional Operation
The TMUX1308 and TMUX1309 devices conduct equally well from source (Sx) to drain (Dx) or from drain (Dx)
to source (Sx). Each signal path has very similar characteristics in both directions so they can be used as both
multiplexers and demultiplexer to supports both analog and digital signals.
8.3.2 Rail-to-Rail Operation
The valid signal path input and output voltage for the TMUX1308 and TMUX1309 ranges from GND to VDD.
8.3.3 1.8 V Logic Compatible Inputs
The TMUX1308 and TMUX1309 support 1.8-V logic compatible control for all logic control inputs. The logic input
thresholds scale with supply but still provide 1.8-V logic control when operating at 5.5-V supply voltage. 1.8-V
logic level inputs allows the multiplexers to interface with processors that have lower logic I/O rails and
eliminates the need for an external voltage translator, which saves both space and BOM cost. The current
consumption of the TMUX1308 and TMUX1309 devices increase when using 1.8-V logic with higher supply
voltage. For more information on 1.8-V logic implementations refer to Simplifying Design with 1.8 V logic Muxes
and Switches.
8.3.4 Fail-Safe Logic
The TMUX1308 and TMUX1309 device have Fail-Safe Logic on the control input pins (EN, A0, A1, and A2)
allowing for operation up to 5.5-V, regardless of the state of the supply pin. This feature allows voltages on the
control pins to be applied before the supply pin, protecting the device from potential damage. Fail-Safe Logic
minimizes system complexity by removing the need for power supply sequencing on the logic control pins. For
example, the Fail-Safe Logic feature allows the select pins of the TMUX1308 and TMUX1309 to be ramped to
5.5-V while VDD = 0-V. Additionally, the feature enables operation of the multiplexers with VDD = 1.8-V while
allowing the select pins to interface with a logic level of another device up to 5.5-V, eliminating the potential need
for an external voltage translator.
8.3.5 Injection Current Control
Injection current is the current that is being forced into a pin by an input voltage (VIN) higher than the positive
supply (VDD + ∆V) or lower than ground (VSS). The current flows through the input protection diodes into
whichever supply of the device potentially compromising the accuracy and reliability of the system. Injected
currents can come from various sources depending on the application.
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com