Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 7Page - Texas Instruments TMUX13 Datasheet HTML 8Page - Texas Instruments TMUX13 Datasheet HTML 9Page - Texas Instruments TMUX13 Datasheet HTML 10Page - Texas Instruments TMUX13 Datasheet HTML 11Page - Texas Instruments TMUX13 Datasheet HTML 12Page - Texas Instruments TMUX13 Datasheet HTML 13Page - Texas Instruments TMUX13 Datasheet HTML 14Page - Texas Instruments TMUX13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
7.8 Timing Characteristics
At specified VDD ±10%
Typical values measured at nominal VDD.
PARAMETER
TEST CONDITIONS
VDD
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–40°C to 125°C
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
SWITCHING CHARACTERISTICS
tPD
Propagation delay
CL = 50 pF
Sx to D, D to Sx
1.8 V
15
30
30
30
ns
2.5 V
8
15
20
20
3.3 V
5
11
15
15
5 V
4
9
10
10
CL = 15 pF
5 V
1.5
4
5
5
tTRAN
Transition-time
between inputs
RL = 10 kΩ, CL = 50 pF
Ax to D, Ax to Sx
Refer to Transition Time
1.8 V
44
94
103
103
ns
2.5 V
30
63
67
67
3.3 V
23
51
54
54
5 V
18
43
46
46
RL = 10 kΩ, CL = 15 pF 5 V
15
39
43
43
tON(EN)
Turnon-time from
enable
RL = 10 kΩ, CL = 50 pF
EN to D, EN to Sx
Refer to Turn-On and
Turn-Off Time
1.8 V
39
64
75
75
ns
2.5 V
30
45
50
50
3.3 V
26
38
42
42
5 V
24
32
37
37
RL = 10 kΩ, CL = 15 pF 5 V
22
31
35
35
tOFF(EN)
Turnoff time from
enable
RL = 10 kΩ, CL = 50 pF
EN to D, EN to Sx
Refer to Turn-On and
Turn-Off Time
1.8 V
58
80
85
85
ns
2.5 V
21
70
72
72
3.3 V
15
65
70
70
5 V
11
40
45
45
RL = 10 kΩ, CL = 15 pF 5 V
8
15
20
20
tBBM
Break before make
time
RL = 10 kΩ, CL = 15 pF
Sx to D, D to Sx
Refer to Break-Before-
Make
1.8 V
1
16
1
1
ns
2.5 V
1
22
1
1
3.3 V
1
24
1
1
5 V
1
33
1
1
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com