Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 15Page - Texas Instruments TMUX13 Datasheet HTML 16Page - Texas Instruments TMUX13 Datasheet HTML 17Page - Texas Instruments TMUX13 Datasheet HTML 18Page - Texas Instruments TMUX13 Datasheet HTML 19Page - Texas Instruments TMUX13 Datasheet HTML 20Page - Texas Instruments TMUX13 Datasheet HTML 21Page - Texas Instruments TMUX13 Datasheet HTML 22Page - Texas Instruments TMUX13 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
8.1.7 Charge Injection
The TMUX1308 and TMUX1309 device have a transmission-gate topology. Any mismatch in capacitance
between the NMOS and PMOS transistors results in a charge injected into the drain or source during the falling
or rising edge of the gate signal. The amount of charge injected into the source or drain of the device is known
as charge injection, and is denoted by the symbol QC. Figure 8-7 shows the setup used to measure charge
injection from source (Sx) to drain (D).
OUTPUT
C
L
GND
V
OUT
Output
V
S
0 V
V
DD
QC = CL ×
V
OUT
V
OUT
V
EN
V
DD
V
DD
0.1…F
V
S
D
S5
S6
S7
VEN
S0
EN
A0
A1
A2
Figure 8-7. Charge-Injection Measurement Setup
8.1.8 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (D) of the device when a signal is applied to the
source pin (Sx) of an off-channel. Figure 8-8 shows the setup used to measure, and the equation to compute off
isolation.
GND
NETWORK
ANALYZER
V
OUT
S
D
50Q
V
SIG
R
L
50Q
S
X
R
L
50Q
V
S
V
DD
0.1µF
Figure 8-8. Off Isolation Measurement Setup
OUT
S
V
Off Isolation
20 Log
V
§
·
˜
¨
¸
©
¹
(1)
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com