Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX13 Datasheet HTML 1Page - Texas Instruments TMUX13 Datasheet HTML 2Page - Texas Instruments TMUX13 Datasheet HTML 3Page - Texas Instruments TMUX13 Datasheet HTML 4Page - Texas Instruments TMUX13 Datasheet HTML 5Page - Texas Instruments TMUX13 Datasheet HTML 6Page - Texas Instruments TMUX13 Datasheet HTML 7Page - Texas Instruments TMUX13 Datasheet HTML 8Page - Texas Instruments TMUX13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
5 Device Comparison Table
PRODUCT
DESCRIPTION
TMUX1308
8:1, 1-Channel, single-ended multiplexer
TMUX1309
4:1, 2-Channel, differential multiplexer
6 Pin Configuration and Functions
1
S4
16
VDD
2
S6
15
S2
3
D
14
S1
4
S7
13
S0
5
S5
12
S3
6
11
A0
7
N.C.
10
A1
8
GND
9
A2
Not to scale
Figure 6-1. TMUX1308: PW Package 16-Pin TSSOP
Top View
1
S4
16
VDD
2
S6
15
S2
3
D
14
S1
4
S7
13
S0
5
S5
12
S3
6
11
A0
7
N.C.
10
A1
8
GND
9
A2
Not to scale
Figure 6-2. TMUX1308: DYY Package 16-Pin
SOT-23-THIN Top View
Thermal
Pad
2
S6
3
D
4
S7
5
S5
6
7
N.C.
10
A1
11
A0
12
S3
13
S0
14
S1
15
S2
Not to scale
Figure 6-3. TMUX1308: BQB Package 16-Pin WQFN Top View
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com