Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 23Page - Texas Instruments TMUX13 Datasheet HTML 24Page - Texas Instruments TMUX13 Datasheet HTML 25Page - Texas Instruments TMUX13 Datasheet HTML 26Page - Texas Instruments TMUX13 Datasheet HTML 27Page - Texas Instruments TMUX13 Datasheet HTML 28Page - Texas Instruments TMUX13 Datasheet HTML 29Page - Texas Instruments TMUX13 Datasheet HTML 30Page - Texas Instruments TMUX13 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX13xx family offers protection against injection current invents across a wide operating supply range
(1.62 V to 5.5 V). These devices include 1.8 V logic compatible control input pins that enable operation in
systems with 1.8 V I/O rails. Additionally, the control input pins support Fail-Safe Logic which allows for operation
up to 5.5 V, regardless of the state of the supply pin. This feature stops the logic pins from back-powering the
supply rail while the injection current circuitry prevents the signal path from back-powering the supply. These
features make the TMUX13xx a family of general purpose multiplexers and switches that can reduce system
complexity, board size, and overall system cost.
9.2 Typical Application
One useful application to take advantage of the TMUX13xx features is multiplexing various signals into an ADC
that is integrated into a MCU. Utilizing an integrated ADC in a MCU allows a system to minimize cost with a
potential tradeoff of system performance when compared to an external ADC. The multiplexer allows for multiple
inputs/sensors to be monitored with a single ADC pin of the device, which is critical in systems with limited I/O.
The TMUX1309 is suitable for similar design example using differential signals, or as two 4:1 multiplexers.
System Inputs &
Sensors
LDO #1
D
S1
S2
S3
S4
S5
S6
S7
S8
Integrated
12-bit ADC
A0
A1
A2
EN
MCU
LDO #2
LM20
Analog Temp.
Sensor
LM20
Analog Temp.
Sensor
GND
VDD
VDD
VDD
VI/O
1.8V Logic
I/O
LM20
Analog Temp.
Sensor
LDO #3
RAM
FLASH
Port I/O
TIMERS
Figure 9-1. Multiplexing Signals to Integrated ADC
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com