Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 19Page - Texas Instruments TMUX13 Datasheet HTML 20Page - Texas Instruments TMUX13 Datasheet HTML 21Page - Texas Instruments TMUX13 Datasheet HTML 22Page - Texas Instruments TMUX13 Datasheet HTML 23Page - Texas Instruments TMUX13 Datasheet HTML 24Page - Texas Instruments TMUX13 Datasheet HTML 25Page - Texas Instruments TMUX13 Datasheet HTML 26Page - Texas Instruments TMUX13 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
• Harsh environments and applications with long cabling, such as in factory automation and automotive
systems, may be susceptible to injected currents from switching or transient events
• Other self-contained systems can also be subject to injected current if the input signal is coming from various
sensors or current sources
Injected Current Impact: Typical CMOS switches have ESD protection diodes on the inputs and outputs. These
diodes not only serve as ESD protection but also provide a voltage clamp to prevent the inputs or outputs going
above VDD or below GND/VSS. When current is injected into the pin of a disabled signal path, a small amount of
current goes thorough the ESD diode but most of the current goes through conduction to the Drain. If forward
diode voltage of the ESD diode (VF) is greater than the PMOS threshold voltage (VT), the PMOS of all OFF
switches turns ON and there would be undesirable subthreshold leakage between the source and the drain that
can lift the OFF source pins up also. Figure 8-13 shows a simplified diagram of typical CMOS switch and
associated injected current path:
S0
Injected curren t into
uns elected s witch inpu t
S7
Som e c urre nt goe s
throug h ES D
Drain voltage
VDD + VF (ESD)
M ost c urre nt goe s throug h
a s conduc ti on
VDD (PMOS gate voltage)
Selected switch inp ut
ESD
S1
S2
S3
S4
S5
S6
D
ESD
n
p
Log ic D ecode
Block
n
p
ESD
Log ic D ecode
Block
Figure 8-13. Simplified diagram of typical CMOS switch and Associated Injected Current Path
It is quite difficult to cut off these current paths. The drain pin can never be allowed to exceed the voltage above
VDD by more than a VT. Analog pins can be protected against current injection by adding external components
like Schottky diode from Drain pin to ground to clamp the drain voltage at < VDD + VT to cut off the current path.
Change in RON due to Current Injection: Because the ON resistance of the enabled FET switch is impacted by
the change in the supply rail, when the drain pin voltage exceeds the supply voltage by more than a VT, an error
in the output signal voltage can be expected. This undesired change in the output can cause issues related to
false trigger events and incorrect measurement readings, potentially compromising the accuracy and reliability of
the system. As shown in Figure 8-14, S2 is the enabled signal path that is conducting a signal from S2 pin to D
pin. Because there is an injected current at the disabled S1 pin, the voltage at that pin increases above the
supply voltage and the ESD protection diode is forward biased, shifting the power supply rail. This shift in supply
voltage alters the RON of the internal FET switches, causing a ∆V error on the output at the D pin.
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com