Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 13Page - Texas Instruments TMUX13 Datasheet HTML 14Page - Texas Instruments TMUX13 Datasheet HTML 15Page - Texas Instruments TMUX13 Datasheet HTML 16Page - Texas Instruments TMUX13 Datasheet HTML 17Page - Texas Instruments TMUX13 Datasheet HTML 18Page - Texas Instruments TMUX13 Datasheet HTML 19Page - Texas Instruments TMUX13 Datasheet HTML 20Page - Texas Instruments TMUX13 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
8.1.3 On-Leakage Current
Source on-leakage current is defined as the leakage current flowing into or out of the source pin when the switch
is on. This current is denoted by the symbol IS(ON).
Drain on-leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is
on. This current is denoted by the symbol ID(ON).
Either the source pin or drain pin is left floating during the measurement. Figure 8-3 shows the circuit used for
measuring the on-leakage current, denoted by IS(ON) or ID(ON).
VDD
VDD
S0
S1
GND
VS
S7
D
VD
ID (ON)
VDD
VDD
S0
S1
GND
VS
S7
D
Vs
A
IS (ON)
N.C.
N.C.
A
Figure 8-3. On-Leakage Measurement Setup
8.1.4 Transition Time
Transition time is defined as the time taken by the output of the device to rise or fall 50% after the address signal
has risen or fallen past the 50% threshold. Figure 8-4 shows the setup used to measure transition time, denoted
by the symbol tTRANSITION.
VDD
OUTPUT
A0
A1
A2
S0
S1
D
GND
VSEL
S7
VDD
0.1…F
VDD
0 V
tTRAN_HIGH
Output
0 V
tTRAN = max ( tTRAN_HGH, tTRAN_LOW)
VSEL
tr < 5ns
tf < 5ns
tTRAN_LOW
50%
50%
50%
50%
RL
CL
EN
Figure 8-4. Transition-Time Measurement Setup
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com