Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 14Page - Texas Instruments TMUX13 Datasheet HTML 15Page - Texas Instruments TMUX13 Datasheet HTML 16Page - Texas Instruments TMUX13 Datasheet HTML 17Page - Texas Instruments TMUX13 Datasheet HTML 18Page - Texas Instruments TMUX13 Datasheet HTML 19Page - Texas Instruments TMUX13 Datasheet HTML 20Page - Texas Instruments TMUX13 Datasheet HTML 21Page - Texas Instruments TMUX13 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
8.1.5 Break-Before-Make
Break-before-make delay is a safety feature that prevents two inputs from connecting when the device is
switching. The output first breaks from the on-state switch before making the connection with the next on-state
switch. The time delay between the break and the make is known as break-before-make delay. Figure 8-5 shows
the setup used to measure break-before-make delay, denoted by the symbol tOPEN(BBM).
VDD
0 V
tBBM_1
90%
Output
0 V
tBBM = min ( tBBM_1, tBBM_2)
tBBM_2
Input Select
(VSEL)
tr < 5ns
tf < 5ns
VDD
OUTPUT
A0
A1
A2
S0
S1-S6
D
GND
VSEL
S7
VDD
0.1…F
RL
CL
EN
Figure 8-5. Break-Before-Make Delay Measurement Setup
8.1.6 tON(EN) and tOFF(EN)
Turn-on time is defined as the time taken by the output of the device to rise to 10% after the enable has risen
past the 50% threshold. The 10% measurement is utilized to provide the timing of the device, system level timing
can then account for the time constant added from the load resistance and load capacitance. Figure 8-6 shows
the setup used to measure transition time, denoted by the symbol tON(EN).
Turn-off time is defined as the time taken by the output of the device to fall to 90% after the enable has fallen
past the 50% threshold. The 90% measurement is utilized to provide the timing of the device, system level timing
can then account for the time constant added from the load resistance and load capacitance. Figure 8-6 shows
the setup used to measure transition time, denoted by the symbol tOFF(EN).
VDD
0 V
VEN
tON (EN)
tOFF (EN)
90%
10%
OUTPUT
0 V
tr < 5ns
tf < 5ns
VDD
OUTPUT
S0
S1
D
GND
VEN
S7
VDD
0.1…F
RL
CL
A0
A1
A2
EN
50%
50%
Figure 8-6. Turn-On and Turn-Off Time Measurement Setup
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com