Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 9Page - Texas Instruments TMUX13 Datasheet HTML 10Page - Texas Instruments TMUX13 Datasheet HTML 11Page - Texas Instruments TMUX13 Datasheet HTML 12Page - Texas Instruments TMUX13 Datasheet HTML 13Page - Texas Instruments TMUX13 Datasheet HTML 14Page - Texas Instruments TMUX13 Datasheet HTML 15Page - Texas Instruments TMUX13 Datasheet HTML 16Page - Texas Instruments TMUX13 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
7.10 Typical Characteristics
at TA = 25°C, VDD = 5 V (unless otherwise noted)
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
20
70
120
170
220
270
D001
D001
TA = 125qC
TA = 85qC
TA = 25qC
TA = 40qC
VDD = 5 V
Figure 7-1. On-Resistance vs Temperature
VS or VD - Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
20
70
120
170
220
270
320
370
D002
D002
TA = 125qC
TA = 85qC
TA = 25qC
TA = 40qC
VDD = 3.3 V
Figure 7-2. On-Resistance vs Temperature
VS or VD - Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
30
80
130
180
230
280
330
380
430
480
530
D003
D003
TA = 125qC
TA = 85qC
TA = 25qC
TA = 40qC
VDD = 2.5 V
Figure 7-3. On-Resistance vs Temperature
VS or VD - Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
50
100
150
200
250
300
350
400
450
500
550
600
650
700
D005
D005
VDD = 5 V
VDD = 3.3 V
VDD = 2.5 V
VDD = 1.8 V
TA = 25°C
Figure 7-4. On-Resistance vs Source or Drain
Voltage
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com