Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 21Page - Texas Instruments TMUX13 Datasheet HTML 22Page - Texas Instruments TMUX13 Datasheet HTML 23Page - Texas Instruments TMUX13 Datasheet HTML 24Page - Texas Instruments TMUX13 Datasheet HTML 25Page - Texas Instruments TMUX13 Datasheet HTML 26Page - Texas Instruments TMUX13 Datasheet HTML 27Page - Texas Instruments TMUX13 Datasheet HTML 28Page - Texas Instruments TMUX13 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
ESD
n
p
Control
Circuitry
Simplified injection curr ent circuitry
Log ic D ecode
Block
ESD
Control
Circuitry
Simplified injection curr ent circuitry
Injected current into
unselected switch input
IINJ
Figure 8-16. Injected Current at Input Pin
Figure 8-17 shows an example of using a series limiting resistor in the case of an overvoltage event.
RLIM
ESD
n
p
Control
Circuitry
Simplified injection curr ent circuitry
Log ic D ecode
Block
ESD
Control
Circuitry
Simplified injection curr ent circuitry
VINPU T > VDD or
VINPU T < GND
VIN PU T
Figure 8-17. Over-voltage Event with Series Resistor
If the voltage at the source or drain pins is greater than VDD, or less than GND, the protection FET will be turned
on for any disabled signal path and shunt the pin the GND. In this event, a series resistor is needed to limit the
total current injected into the device to be less than 100 mA. Two example scenarios are:
8.3.5.1 TMUX13xx is Powered and the Input Signal is Greater Than VDD (VDD = 5 V, VINPUT = 5.5 V).
A typical CMOS switch would have an internal ESD diode to the supply pin rated for about ≈30 mA that would be
turned on and a series limited resistor would be needed. However, any conducted current would be injected into
the supply rail potentially damaging the system, unexpectedly turning on other devices on the same supply rail,
or requiring additional components for protection. The TMUX13xx implementation also handles this scenario with
a series limiting resistor, however, the current path is now to GND which doesn’t have the same issues as the
current injected into the supply rail.
8.3.5.2 TMUX13xx is Unpowered and the Input Signal has a Voltage Present (VDD = 0 V, VINPUT = 3 V)
Many CMOS switches are unable to support a voltage at the input without a valid supply voltage present
otherwise the voltage will be coupled from input to output and could damage downstream devices or impact
power-sequencing. The TMUX13xx circuitry can handle an input signal present without a supply voltage while
minimizing power transfer from the input to output of the switch. By limiting the output voltage coupling to 400
mV the TMUX1308 and TMUX1309 help reduce the chance of conduction through any downstream ESD diodes.
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com