Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 6Page - Texas Instruments TMUX13 Datasheet HTML 7Page - Texas Instruments TMUX13 Datasheet HTML 8Page - Texas Instruments TMUX13 Datasheet HTML 9Page - Texas Instruments TMUX13 Datasheet HTML 10Page - Texas Instruments TMUX13 Datasheet HTML 11Page - Texas Instruments TMUX13 Datasheet HTML 12Page - Texas Instruments TMUX13 Datasheet HTML 13Page - Texas Instruments TMUX13 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
7.7 Logic and Dynamic Characteristics
At specified VDD ±10%
Typical values measured at nominal VDD and TA = 25°C.
PARAMETER
TEST CONDITIONS
VDD
Operating free-air
temperature (TA)
UNIT
–40°C to 125°C
MIN
TYP
MAX
LOGIC INPUTS (EN, A0, A1, A2)
VIH
Input logic high
1.8 V
0.95
5.5
V
2.5 V
1.1
5.5
3.3 V
1.15
5.5
5 V
1.25
5.5
VIL
Input logic low
1.8 V
0
0.6
V
2.5 V
0
0.7
3.3 V
0
0.8
5 V
0
0.95
IIH
Logic high input leakage current
VLOGIC = 1.8 V or VDD
All
1
uA
IIL
Logic low input leakage current
VLOGIC = 0 V
All
–1
uA
CIN
Logic input capacitance
VLOGIC = 0 V, 1.8 V, VDD
f = 1 MHz
All
1
2
pF
DYNAMIC CHARACTERISTICS
QINJ
Charge Injection
VS = VDD / 2
RS = 0 Ω, CL = 100 pF
Refer to Charge Injection
1.8 V
–0.5
pC
2.5 V
–0.5
3.3 V
–1
5 V
–6.5
OISO
Off Isolation
VBIAS = VDD / 2
VS = 200 mVpp
RL = 50 Ω, CL = 5 pF
f = 100 kHz
Refer to Off Isolation
1.8 V
–110
dB
2.5 V
–110
3.3 V
–110
5 V
–110
OISO
Off Isolation
VBIAS = VDD / 2
VS = 200 mVpp
RL = 50 Ω, CL = 5 pF
f = 1 MHz
Refer to Off Isolation
1.8 V
–90
dB
2.5 V
–90
3.3 V
–90
5 V
–90
XTALK
Crosstalk
VBIAS = VDD / 2
VS = 200 mVpp
RL = 50 Ω, CL = 5 pF
f = 100 kHz
Refer to Crosstalk
1.8 V
–110
dB
2.5 V
–110
3.3 V
–110
5 V
–110
XTALK
Crosstalk
VBIAS = VDD / 2
VS = 200 mVpp
RL = 50 Ω, CL = 5 pF
f = 1 MHz
Refer to Crosstalk
1.8 V
–90
dB
2.5 V
–90
3.3 V
–90
5 V
–90
BW
Bandwidth
VBIAS = VDD / 2
VS = 200 mVpp
RL = 50 Ω, CL = 5 pF
Refer to Bandwidth
1.8 V
350
MHz
2.5 V
450
3.3 V
500
5 V
500
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com