Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 22Page - Texas Instruments TMUX13 Datasheet HTML 23Page - Texas Instruments TMUX13 Datasheet HTML 24Page - Texas Instruments TMUX13 Datasheet HTML 25Page - Texas Instruments TMUX13 Datasheet HTML 26Page - Texas Instruments TMUX13 Datasheet HTML 27Page - Texas Instruments TMUX13 Datasheet HTML 28Page - Texas Instruments TMUX13 Datasheet HTML 29Page - Texas Instruments TMUX13 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
8.3.6 Device Functional Modes
When the EN pin of the TMUX1308 is pulled low, one of the switches is closed based on the state of the address
lines. Similarly, when the EN pin of the TMUX1309 is pulled low, two of the switches are closed based on the
state of the address lines. When the EN pin is pulled high, all the switches are in an open state regardless of the
state of the address lines.
Unused logic control pins must be tied to GND or VDD in order to ensure the device does not consume additional
current as highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path inputs (Sx and Dx)
should be connected to GND.
8.3.7 Truth Tables
Table 8-1 and Table 8-2 show the truth tables for the TMUX1308 and TMUX1309 respectively.
Table 8-1. TMUX1308 Truth Table
EN A2
A1
A0
Selected Signal Path Connected To Drain
(D) Pin
0
0
0
0
S0
0
0
0
1
S1
0
0
1
0
S2
0
0
1
1
S3
0
1
0
0
S4
0
1
0
1
S5
0
1
1
0
S6
0
1
1
1
S7
1
X(1) X(1) X(1)
All channels are off
(1)
X denotes don't care.
Table 8-2. TMUX1309 Truth Table
EN A1
A0
Selected Signal Path Connected To Drain (DA
and DB) Pins
0
0
0
S0A to DA
S0B to DB
0
0
1
S1A to DA
S1B to DB
0
1
0
S2A to DA
S2B to DB
0
1
1
S3A to DA
S3B to DB
1
X(1) X(1)
All channels are off
(1)
X denotes don't care.
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com