Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX13 Datasheet HTML 1Page - Texas Instruments TMUX13 Datasheet HTML 2Page - Texas Instruments TMUX13 Datasheet HTML 3Page - Texas Instruments TMUX13 Datasheet HTML 4Page - Texas Instruments TMUX13 Datasheet HTML 5Page - Texas Instruments TMUX13 Datasheet HTML 6Page - Texas Instruments TMUX13 Datasheet HTML 7Page - Texas Instruments TMUX13 Datasheet HTML 8Page - Texas Instruments TMUX13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel
Multiplexers with Injection Current Control
1 Features
• Injection Current Control
• Back-powering Protection
– No ESD Diode Path to VDD
• Wide Supply Range: 1.62 V to 5.5 V
• Low Capacitance
• Bidirectional Signal Path
• Rail-to-Rail Operation
• 1.8 V Logic Compatible
• Fail-safe Logic
• Break-before-make Switching
• Functional Safety-Capable
– Documentation Available to Aid Functional
Safety System Design
• TMUX1308 - Pin Compatible with:
– Industry Standard 4051 and 4851 Multiplexers
• TMUX1309 - Pin Compatible with:
– Industry Standard 4052 and 4852 Multiplexers
2 Applications
• Analog and Digital Multiplexing and Demultiplexing
• Diagnostics and Monitoring
• Data Center Switch
• Remote Radio Unit (RRU)
• Rack Server
• Electricity Meter
• Appliances
• Air Conditioner Units
• Multifunction Printers
• String Inverter
• IP Network Camera
• Currency Counters
• Off-highway Vehicles Control Systems
3 Description
The TMUX1308 and TMUX1309 are general purpose
complementary metal-oxide semiconductor (CMOS)
multiplexers (MUX). The TMUX1308 is an 8:1,
1-channel (single-ended) mux, while the TMUX1309
is a 4:1, 2-channel (differential) mux. The devices
support bidirectional analog and digital signals on the
source (Sx) and drain (Dx) pins ranging from GND to
VDD.
The TMUX13xx devices have an internal injection
current control feature which eliminates the need for
external diode and resistor networks typically used to
protect the switch and keep the input signals within
the supply voltage. The internal injection current
control circuitry allows signals on disabled signal
paths to exceed the supply voltage without affecting
the signal of the enabled signal path. Additionally, the
TMUX13xx devices do not have any internal diode
path to the supply pin, which eliminates the risk of
damaging components connected to the supply pin, or
providing unintended power to the supply rail.
All logic inputs have 1.8 V logic compatible
thresholds, ensuring both TTL and CMOS logic
compatibility when operating with a valid supply
voltage. Fail-Safe Logic circuitry allows voltages on
the control pins to be applied before the supply pin,
protecting the device from potential damage.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
TMUX1308
TMUX1309
TSSOP (16)
5.00 mm × 4.40 mm
SOT-23-THIN (16)
4.20 mm x 2.00 mm
WQFN (16)
3.50 mm x 2.50 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
TMUX130 8
A0
A1
A2
EN
S1
D
S2
S3
S4
S5
S6
S7
S0
1-OF-8
DECODER
TMUX130 9
S0A
DB
S1A
S2A
S3A
S0B
S1B
S2B
S3B
DA
A0
A1
EN
1-OF-4
DECODER
TMUX1308 and TMUX1309 Block Diagram
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMUX1308 TMUX1309
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1308 TI1-TMUX1308 Datasheet
1Mb / 37P
TMUX130x 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI1-TMUX1308 Datasheet
1Mb / 43P
TMUX130x-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
More results

Similar Description - TMUX13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
TMUX1308-Q1 TI1-TMUX1308-Q1 Datasheet
1Mb / 36P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI1-TMUX1308 Datasheet
1Mb / 37P
TMUX130x 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI1-TMUX1308-Q1_V01 Datasheet
1Mb / 43P
TMUX130x-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308_V01 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1_V02 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1_V03 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 31P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
MAY 2022
TMUX4051 TI-TMUX4051_V01 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX4051 TI1-TMUX4051_V03 Datasheet
2Mb / 42P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com