Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 20Page - Texas Instruments TMUX13 Datasheet HTML 21Page - Texas Instruments TMUX13 Datasheet HTML 22Page - Texas Instruments TMUX13 Datasheet HTML 23Page - Texas Instruments TMUX13 Datasheet HTML 24Page - Texas Instruments TMUX13 Datasheet HTML 25Page - Texas Instruments TMUX13 Datasheet HTML 26Page - Texas Instruments TMUX13 Datasheet HTML 27Page - Texas Instruments TMUX13 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
S1
S2
I
I/O
D
VDD
-ûV error
ON
OFF
+ûV error
V
S2
V
D
V
S2
Figure 8-14. Injected Current Impact on RON
To avoid the complications of added external protection to your system, the TMUX1308 and TMUX1309 devices
have an internal injection current control feature which eliminates the need for external diode/resistor networks
typically used to protect the switch and keep the input signals within the supply voltage. The internal injection
current control circuitry allows signals on disabled signal paths to exceed the supply voltage without affecting the
signal of the enabled signal path. The injection current control circuitry also protects the TMUX13xx from
currents injected into disabled signal paths without impacting the enabled signal path, which typical CMOS
switches do not support. Additionally, the TMUX1308 and TMUX1309 do not have any internal diode paths to the
supply pin, which eliminates the risk of damaging components connected to the supply pin, or providing
unintended power to the system supply rail. Figure 8-12 shows a simplified diagram of one signal path for the
TMUX13xx devices and the associated injection current circuit.
ESD
n
p
Control
Circuitry
Simplified injection curr ent circuitry
Log ic D ecode
Block
ESD
Control
Circuitry
Simplified injection curr ent circuitry
Figure 8-15. Simplified Diagram of Injection Current Control
The injection current control circuitry is independently controlled for each source or drain pin (Sx, D). The control
circuitry for a particular pin is enabled when that input is disabled by the logic pins and the injected current
causes the voltage at the pin to be above VDD or below GND. The injection current circuit includes a FET to
shunt undesired current to GND in the case of overvoltage or injected current events. Each injection current
circuit is rated to handle up to 50 mA, however the device can support a maximum current of 100 mA at any
given time. Depending on the system application, a series limiting resistor may be needed and must be sized
appropriately. Figure 8-15 shows the TMUX13xx protection circuitry with an injected current at an input pin.
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com