Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP5600ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 3 of 25
SPECIFICATIONS
VIN = VEN = 2.7 V or |VLDO_OUT − 0.5 V| whichever is higher to 16 V, VLDO_OUT = −2.5 V, CIN = CCPOUT = 10 µF, C1 = C2 = 1 µF, CLDO_OUT =
2.2 µF , ILDO_OUT = −10 mA, fOSC = 500 kHz, TJ = −40oC to +125°C for minimum/maximum specifications unless otherwise noted.
VIN = VEN = 12 V, TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameters
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY REQUIREMENTS
Input Voltage
VIN
2.7
16
V
Active Switching Current
ISW
3.75
4
mA
VIN = 5 V, fOSC = 100 kHz
5
5.6
mA
VIN = 5 V, fOSC = 500 kHz
7.7
8.5
mA
VIN = 5 V, fOSC = 1 MHz
6.5
mA
VIN = 16 V, fOSC = 500 kHz
Shutdown Current
ISHDN
26.1
µA
EN = GND, VIN =16 V
VIN Undervoltage Lockout
Threshold
UVLORISING
2.58
2.63
V
VIN rising
UVLOFALLING
2.46
2.5
V
VIN falling
UVLOHYS
90
mV
VIN falling
SEL1, SEL2 PULL-UP CURRENT
ISEL
4.5
5
5.7
µA
VSELx = 0.5 V
THERMAL SHUTDOWN
Threshold
TSDRISING
150
°C
Hysteresis
TSDHYS
20
°C
EN
EN Shutdown Threshold (High to
Low)
ENSD2
0.5
0.71
V
Threshold to enter shutdown
EN Rising Threshold, Precision
ENTH
1.17
1.26
V
Precision threshold
EN Input Hysteresis, Precision
ENHYS
70
mV
EN Noise Filter Time
ENFILT_LO-HI
5.4
µs
EN low to high noise filter
EN Leakage Current
3.5
5.2
µA
VIN = VEN = 16 V
OSCILLATOR (FREQ)
Oscillator Frequency Range
fOSC
0.1
1.1
MHz
Frequency range of the resistor programmable
internal oscillator
FREQ Resistor Range
RT
0
530
kΩ
FREQ = GND Frequency Range
fOSC_GND
0.85
1.1
MHz
RT = 0 Ω
FREQ Voltage
VFREQ
1
V
Buffered output
SYNC
Synchronization Range
fSYNC
0.2
2.2
MHz
fOSC = fSYNC/2
SYNC Minimum Pulse Width
tSYNC_MIN_ON
100
ns
SYNC Minimum Off Time
tSYNC_MIN_OFF
150
ns
SYNC Input High Voltage
VIH_SYNC
1.3
V
SYNC Input Low Voltage
VIL_SYNC
0.5
V
SYNC Leakage Current
ISYNC_LKG
4.5
100
nA
VSYNC = 5.5 V
POWER-GOOD OUTPUT
Rising Threshold
PGTH
91
93
95
%
Nominal VLDO_OUT
Hysteresis
PGHYS
3
%
Power-Good Rising Deglitch Time
tPG
16
1/fOSC
Power-Good Leakage Current
IPG_LKG
5
100
nA
VPG =16 V
Power-Good Output Low Voltage
VOL
130
209
mV
IPG = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com