Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 9 of 25
Figure 10. Charge Pump Output Impedance (ROUT) vs. Input Voltage (VIN)
at Various Junction Temperatures (TJ)
Figure 11. LDO Line Regulation vs. Junction Temperature (TJ)
Figure 12. LDO Output Voltage (VLDO_OUT2) vs. LDO_OUT Load Current
(ILDO_OUT) at Various Junction Temperatures (TJ)
Figure 13. Charge Pump Output Impedance (ROUT) vs. CPOUT Load
Current (ICPOUT) at Various Oscillator Frequencies (fOSC)
Figure 14. LDO Load Regulation vs. Junction Temperature (TJ)
Figure 15. LDO Output Voltage (VLDO_OUT2) vs. Input Voltage (VIN) at
Various Junction Temperatures (TJ)
20
0
2
6
12
10
4
8
16
14
18
2
16
8
6
12
14
10
4
INPUT VOLTAGE (V)
TJ = +125ºC
TJ = +25ºC
TJ = –40ºC
60
40
20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VLDO_OUT1 = –0.505V
VLDO_OUT2 = –1.5V
VLDO_OUT3 = –2.5V
VLDO_OUT4 = –5.0V
LDO_OUT LOAD CURRENT (mA)
TJ = +125°C
TJ = +25°C
TJ = –40°C
0
–100
–90
–30
–70
–20
–50
–80
–60
–40
–10
14
6
7
9
12
11
8
10
13
CPOUT LOAD CURRENT (mA)
fOSC = 100kHz
fOSC = 250kHz
fOSC = 500kHz
fOSC = 1MHz
0
–100
–90
–30
–70
–20
–50
–80
–60
–40
–10
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VLDO_OUT1 = –0.505V
VLDO_OUT2 = –1.5V
VLDO_OUT3 = –2.5V
VLDO_OUT4 = –5.0V
–2.55
–2.54
–2.53
–2.52
–2.51
–2.5
–2.49
–2.48
–2.47
–2.46
–2.45
2
3
4
5
6
7
8
9
10
11 12 13 14 15 16 17
INPUT VOLTAGE (V)
TJ = +125°C
TJ = +25°C
TJ = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com