Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ADP5600
Data Sheet
Rev. 0 | Page 20 of 25
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Charge Pump Input and Output Capacitor Selection
The input and output capacitors dictate the amount of ripple
voltage present in their respective nodes. The minimum effective
capacitance that is required to keep the input and output ripple at
a reasonable level is 4.7 μF. A 10 μF 10% X7R ceramic capacitor
with twice the voltage rating compared to the intended input
voltage is recommended for CIN and CCPOUT.
Charge Pump Flying Capacitor Selection
The flying capacitance affects the output resistance of the charge
pump, as seen in Figure 56. A low flying capacitance causes a
voltage drop from the input to output transfer due to the small
charge storage capacity and higher reactance. In general, higher
flying capacitance improves both the load transient response
and the steady state ripple.
Figure 56. ROUT vs. ICPOUT at Different CFLY Values, fOSC = 500 kHz
LDO Capacitor Selection
ADP5600 is designed to operate with small space-saving
ceramic capacitors, as long as its ESR value is taken into
consideration. The ESR of the output capacitor affects the
stability of the LDO control loop. A minimum of 2.2 μF
capacitance with an ESR of 0.1 Ω or less is recommended to
ensure the stability of the ADP5600. Transient response to
changes in load current is also affected by output capacitance.
Using a larger value of output capacitance improves the transient
response of the ADP5600 to large changes in load current.
Figure 57 shows the transient response at CLDO_OUT = 10 μF.
Figure 57. Output Transient Response,
CLDO_OUT = 10 μF
OUTPUT VOLTAGE SETTINGS
The inverting charge pump provides a voltage on CPOUT that
is approximately equal to the negative of its input voltage and
some loss, depending on the output current, ICPOUT, and output
resistance, ROUT. More specifically, the CPOUT voltage is given
by the equation
VCPOUT = −(VIN + ICPOUT × ROUT)
where:
VCPOUT is the voltage at CPOUT.
VIN is the voltage at VIN.
ICPOUT is the load current at CPOUT.
ROUT is the charge pump output resistance.
The LDO output voltage of the ADP5600 can be configured for
preprogrammed, fixed ,output voltages or adjusted using feedback
resistors. Setting the SEL1 and SEL2 pins changes the LDO
fixed output voltage, according to Table 8.
Table 8. LDO Fixed Output Voltage Configurations
SEL1
SEL2
VLDO_OUT
GND
GND
−0.505 V
Floating
GND
−1.5 V
GND
Floating
−2.5 V
Floating
Floating
−5.0 V
If the desired output voltage of the LDO is −0.505 V, −1.5 V, −2.5 V,
or −5.0 V, set the SEL1 and SEL2 pins as shown in Table 8 and
connect the FB pin directly to LDO_OUT. To obtain any other
voltage between −0.505 V and –VIN, use a resistor divider on the
FB pin, as shown in Figure 58.
Figure 58. LDO Output Voltage Setup
0
–100 –90
–30
–70
–20
–50
–80
–60
–40
–10
ICPOUT (mA)
C1, C2 = 0.47µF
C1, C2 = 1µF
C1, C2 = 10µF
10.9
8.5
9.1
9.5
10.1
9.9
9.3
9.7
8.9
8.7
10.5
10.3
10.7
CH1 50mA BW
CH2 2.00V BW
CH3 10.0mV Ω BW CH4 10.0V BW
M20.0ms A CH1
–49mA
1
2
3
4
T
60.20000ms
ILDO_OUT
VLDO_OUT
VCPOUT
C1+
T
VLDO_OUT
VIN
CPOUT
CPOUT
R1
R2
SEL1
SEL2
FB
INVERTING
CHARGE PUMP
NEGATIVE
LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com