Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 13 of 25
Figure 34. CPOUT Entry to Short Circuit
Figure 35. VIN to LDO_OUT PSRR vs. Frequency at
Various Input Voltages (VIN)
Figure 36. VIN to LDO_OUT PSRR vs. Frequency at
Various Oscillator Frequencies (fOSC)
Figure 37. CPOUT Recovery from Short Circuit
Figure 38. LDO_OUT Entry to Short Circuit
Figure 39. LDO_OUT Recovery From Short Circuit
CH1 200mA BW CH2 5.00V BW
CH3 1.00V BW CH4 10.0V BW
100µs
A CH2
–3.40V
1
2
3
4
T
191.0000µs
T
C1+
IIN
PGOOD
VLDO_OUT
VCPOUT
0
FREQUENCY (Hz)
VIN = 4.5V
VIN = 12V
VIN = 16V
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
fOSC = 100kHz
fOSC = 250kHz
fOSC = 500kHz
fOSC = 1.1MHz
1
10
100
1k
10k
100k
1M
10M
CH1 200mA BW CH2 5.00V BW
CH3 1.00V BW CH4 10.0V BW
M100µs
A CH2
–3.40V
1
2
3
4
T
191µs
0
T
PGOOD
C1+
VLDO_OUT
VCPOUT
IIN
CH1 100mA BW CH2 5.00V BW
CH3 1.00V BW CH4 10.0V BW
M400µs
A CH3
–480mV
1
2
3
4
T
78.8µs
0
PGOOD
C1+
VLDO_OUT
VCPOUT
IIN
T
CH1 100mA BW CH2 5.00V BW
CH3 1.00V BW CH4 10.0V BW
M40µs
A CH3
–1.16V
1
2
3
4
T
60.8µs
0
T
PGOOD
C1+
VLDO_OUT
VCPOUT
IIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com