Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ADP5600
Data Sheet
Rev. 0 | Page 10 of 25
Figure 16. LDO Dropout Voltage vs. LDO_OUT Load Current (ILDO_OUT) at
Various Junction Temperatures (TJ), VLDO_OUT4 = −5 V
Figure 17. Start-Up Response
Figure 18. Start-Up Response, Adjustable Output Option, VADJ = −7.5 V,
ILDO_OUT = −100 mA
Figure 19. LDO Output Voltage (VLDO_OUT) vs. Input Voltage (VIN) in
Dropout at Various LDO Load Currents (ILDO_OUT), VDLO_OUT4 = −5 V
Figure 20. Power-Down Response
Figure 21. Power-Down Response, Adjustable Output Option,
VADJ = −7.5 V, ILDO_OUT = −100 mA
LDO_OUT LOAD CURRENT (mA)
TJ = +125°C
TJ = +25°C
TJ = –40°C
CH1 5.00V
CH2 5.00V
CH3 2.00V
CH4 5.00V BW
M400µs
A CH4
1.80V
1
2
3
4
T
600µs
T
PGOOD
VIN/VEN
VCPOUT
VLDO_OUT
CH1 5.00V
CH2 5.00V
CH3 5.00V
CH4 5.00V BW
M400µs
A CH1
6.20V
1
2
3
4
T
1.164000ms
T
PGOOD
VLDO_OUT
VCPOUT
VIN/
VEN
4.55.05.56.06.57.0
INPUT VOLTAGE (V)
ILDO_OUT = –10mA
ILDO_OUT = –50mA
ILDO_OUT = –100mA
CH1 5.00V
CH2 5.00V
CH3 2.00V
CH4 5.00V BW
M2.00ms
A CH4
1.80V
1
2
3
4
T
236µs
T
VIN/VEN
VCPOUT
PGOOD
VLDO_OUT
CH1 5.00V BW CH2 5.00V BW
CH3 5.00V BW CH4 5.00V BW
M800µs
A CH1
6.20V
1
2
3
4
T
1.260000ms
T
VCPOUT
PGOOD
VLDO_OUT
VIN/VEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com