Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
ADP5600
Data Sheet
Rev. 0 | Page 12 of 25
Figure 28. Noise Spectral Density vs. Frequency at Various LDO Output
Voltages
Figure 29. Line Transient Response, VIN = 11 V to 12 V, ILDO_OUT = −100 mA
Figure 30. Load Transient Response, ILDO_OUT = −1 mA to −100 mA
Figure 31. Total Integrated Noise vs. LDO_OUT Load Current (ILDO_OUT)
Figure 32. Total Integrated Noise vs. Oscillator Frequency (fOSC)
Figure 33. VIN to LDO_OUT PSRR vs. Frequency at Various ILDO_OUT
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VLDO_OUT1 = –0.505V
VLDO_OUT2 = –1.5V
VLDO_OUT3 = –2.5V
VLDO_OUT4 = –5.0V
CH1 2.00V BW
CH2 1.00V BW
CH3 10.0mVΩBW CH4 10.0V BW
M200µs
1
2
3
4
T
468µs
T
A CH1
11.7V
VIN
0.12V/µs
C1+
VLDO_OUT
VCPOUT
CH1 100mA BW CH2 2.00V BW
CH3 10.00mVΩBW CH4 10V
M20.0ms
1
2
3
4
T
60.20000ms
T
A CH1
–82.0mA
C1+
ILDO_OUT
VLDO_OUT
VCPOUT
0.029A/µs
0.037A/µs
–100 –90
–80
–70
–60
–50
–40
–30
–20
–10
0
LDO_OUT LOAD CURRENT (mA)
10Hz TO 100kHz
100Hz TO 100kHz
100
200
300
400
500
600
700
800
900 1000 1100
OSCILLATOR FREQUENCY (kHz)
10Hz TO 100kHz
100Hz TO 100kHz
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILDO_OUT = –1mA
ILDO_OUT = –10mA
ILDO_OUT = –50mA
ILDO_OUT = –100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com