Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ADP5600
Data Sheet
Rev. 0 | Page 8 of 25
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25oC, VIN = 12 V, VLDO_OUT =
−2.5 V, ILDO_OUT = −10 mA, CIN = CCPOUT = 10 µF, CLDO_OUT = 2.2 µF, C1 = C2 = 1 µF, fOSC = 500 kHz, unless
otherwise noted.
Figure 4. Shutdown Current (ISHDN) vs. Junction Temperature (TJ) at
Various Input Voltages (VIN)
Figure 5. Active Switching Current (ISW) vs. Oscillator Frequency (fOSC) at
Various Input Voltages (VIN)
CPOUT LOAD CURRENT (mA)
Figure 6. Charge Pump Power Efficiency vs. CPOUT Load Current (ICPOUT)
at Various Oscillator Frequencies (fOSC), VIN = 12 V
Figure 7. Oscillator Frequency (fOSC) vs. Junction Temperature (TJ) at
Various Input Voltages (VIN)
Figure 8. Active Switching Current (ISW) vs. Junction Temperature (TJ) at
Various Input Voltages (VIN)
Figure 9. Charge Pump Power Efficiency vs. CPOUT Load Current (ICPOUT)
at Various Junction Temperatures (TJ), VIN = 12 V
30
0
5
10
20
15
25
–60
140
120
0
80
–20
40
100
60
20
–40
JUNCTION TEMPERATURE (ºC)
VIN = 16V
VIN = 12V
VIN = 2.7V
10
2
3
4
6
5
8
7
9
0
1100
1000
900
300
700
200
500
800
600
400
100
OSCILLATOR FREQUENCY (kHz)
VIN = 16V
VIN = 12V
VIN = 5V
VIN = 2.7V
100
0
10
30
60
50
20
40
80
70
90
–100
0
–10
–20
–40
–80
–60
–30
–50
–70
–90
fOSC = 100kHz
fOSC = 500kHz
fOSC = 1MHz
550
450
460
480
470
490
510
500
530
520
540
–50
150
25
125
0
75
100
50
–25
JUNCTION TEMPERATURE (ºC)
VIN = 16V
VIN = 12V
VIN = 5V
VIN = 2.7V
8
2
3
4
6
5
7
–60
140
120
0
80
–20
40
100
60
20
–40
JUNCTION TEMPERATURE (ºC)
VIN = 16V
VIN = 12V
VIN = 5V
VIN = 2.7V
100
0
10
30
60
50
20
40
80
70
90
0
–100
–90
–30
–70
–20
–50
–80
–60
–40
–10
CPOUT LOAD CURRENT (mA)
TJ = +125ºC
TJ = +25ºC
TJ = –40ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com