Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 7 of 25
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN
Power Input. Connect Pin 1 to the input power source and connect a 10 µF bypass capacitor between Pin 1 and GND.
2
EN
Precision Enable Pin. Pull EN high to enable the ADP5600 and pull EN low to disable ADP5600. The EN pin has
an internal pull-down resistor to GND to prevent operation if EN is left floating.
3
SYNC
Synchronization Input (SYNC). Connect this pin to an external clock with a range of 180 kHz to 2.2 MHz, to
synchronize the charge pump oscillator to fSYNC/2. If this pin is shorted to GND or does not change for some
period of time, then the internal clock frequency determined by the FREQ pin is used instead of the external
clock connected to the SYNC pin. See the Oscillator and Synchronization sections for more information. Do not
leave the SYNC pin floating. If Pin 3 is not used, short SYNC to GND.
4
FREQ
Frequency Setting. Connect a resistor between FREQ and GND to program the oscillator frequency between
100 kHz and 1.0 MHz. If FREQ is shorted to GND, the charge pump switching frequency is programmed to 1 MHz
(typical). Do not leave this pin floating.
5
PGOOD
Power-Good Output (Open Drain). A pull-up resistor of 10 kΩ to 100 kΩ is recommended. When not used, this
pin can be left floating or connected to GND.
6
FB
Feedback Voltage Sense Input. For fixed output voltages, short FB to LDO_OUT. For adjustable mode, connect
an external resistor divider between LDO_OUT and GND through the FB pin to set the output voltage.
7
LDO_OUT
Output of the LDO. Connect a 2.2 μF or greater capacitor from LDO_OUT to GND.
9
C2−
C2 Flying Capacitor Negative Terminal.
10
C2+
C2 Flying Capacitor Positive Terminal.
8, 11
CPOUT
Inverting Charge Pump Output. Connect CPOUT to the exposed pad. Connect a 10 μF or greater capacitor
from CPOUT to GND.
12
C1+
C1 Flying Capacitor Positive Terminal.
13
C1−
C1 Flying Capacitor Negative Terminal.
14
SEL2
Output Voltage Selector 2. Short SEL2 to GND or leave floating to select one of four LDO_OUT voltage options.
15
SEL1
Output Voltage Selector 1. Short SEL1 to GND or leave floating to select one of four LDO_OUT voltage options.
16
GND
Ground.
EP
Exposed Pad. It is recommended that the exposed pad connect to the CPOUT plane on the board.
12
11
10
1
3
4
9
2
ADP5600
TOP VIEW
VIN
EN
SYNC
FREQ
C1+
CPOUT
NOTES
1. EXPOSED PAD. IT IS RECOMMENDED
THAT THE EXPOSED PAD CONNECT TO
THE CPOUT PLANE ON THE BOARD.
C2+
C2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com