Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ADP5600
Data Sheet
Rev. 0 | Page 16 of 25
Figure 44. Interleaved Charge Pump Operation (fOSC = 500 kHz, CIN = 10 μF,
C1 = C2 = 1 μF, CCPOUT = 10 μF)
CHARGE PUMP OUTPUT RESISTANCE
The output resistance is the main loss contributor in a charge
pump switching converter. A simplified model is shown in
Figure 45 where the output resistance is just before the output
capacitor. The model shows that when a load current, ICPOUT, is
pulled from VCPOUT, a resulting voltage drop is generated.
Figure 45. Simplified Output Resistance Model
Always consider the output resistance when designing for a
desired output voltage because the voltage drop across the
charge pump scales with the load current.
To estimate ADP5600 output resistance, ROUT, use the following
equation:
ROUT = 1/(2 × C1 × fOSC) + 4 × RON + 2 × RC1_ESR
where:
RON is the average on resistance of the four switches, the typical
value is ~2.1 Ω.
RC1_ESR is the ESR of C1.
NEGATIVE LDO REGULATOR
Internally, the ADP5600 has a negative LDO regulator that consists
of a reference, an error amplifier, a feedback voltage divider, and an
N-channel metal-oxide-semiconductor (NMOS) pass transistor.
Current flows from CPOUT to LDO_OUT via the NMOS pass
transistor, which is controlled by the error amplifier.
The error amplifier compares the reference voltage with the feed-
back voltage from the output and amplifies the difference. If the
feedback voltage is more positive than the reference voltage, the
gate of the NMOS transistor is pulled toward GND, allowing
more current to pass and increasing the output voltage magnitude.
If the feedback voltage is more negative than the reference voltage,
the gate of the NMOS transistor is pulled toward VCPOUT,
allowing less current to pass and decreasing the output voltage.
Figure 46. Simplified LDO Model
STARTUP AND SOFT START
Charge Pump Startup
The ADP5600 starts switching when VIN ≥ UVLORISING and VEN ≥
ENTH. If left unprotected, large inrush currents can flow from CIN to
C1 and C2 until the capacitors reach their steady state values.
Therefore, the ADP5600 implements a controlled soft start profile
where the maximum input current is limited to 200 mA over a time
period.
If VIN ≥ UVLORISING and VEN < ENTH, the output pull-down resistor
is enabled, discharging the output. If VIN < UVLORISING, the output
pull-down resistor is disabled.
LDO Soft Start
If the voltage magnitude at CPOUT exceeds PGTH_CP, the LDO
is enabled and starts to ramp up the reference voltage at the
input of the error amplifier, causing a soft start response at
LDO_OUT. Estimate the LDO soft start time, tSS, using the
following formula:
tSS = (CSS × VLDO_OUT)/ISS
where:
VLDO_OUT, output voltage according to SEL1 and SEL2.
CSS, internal soft start capacitor, is 98.4 pF.
ISS, internal source current to CSS, is 1 μA.
If VCPOUT is less negative than PGTH_CP, the LDO is disabled and
the output pull-down resistor is enabled.
Figure 47 shows the start-up response of ADP5600 at different
LDO output voltages.
Figure 47. Start-Up Response at Various LDO Output Voltages
CH1 2.00mVΩBW CH2 2.00mVΩBW
CH3 10V BW
M1.00µs A CH4
6.80V
1
2
3
T
0s
T
VIN
C+
CPOUT
CCPOUT
ICPOUT
ROUT
VCPOUT
–VIN
+
CPOUT
SEL1
SEL2
PGOOD
LDO_OUT
FB
GND
+
–
VREF
×1
+
–
PGTH
REFERENCE
GENERATOR
+
–
PGTH_CP
10
–10
–4
–6
–8
4
0
8
2
–2
6
–4
4
–1
3
–2
1
2
0
–3
TIME (ms)
VIN
VEN
VCPOUT
VLDO_OUT4 = –5.0V
VLDO_OUT3 = –2.5V
VLDO_OUT2 = –1.5V
VLDO_OUT1 = –0.505V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com