Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 19 of 25
THERMAL CONSIDERATIONS
If the ADP5600 junction temperature rises above 150°C, the
internal thermal shutdown circuit turns off the oscillator, charge
pump, and LDO for self protection. Extreme junction temperatures
can be the result of high current operation, poor circuit board
thermal design, and/or high ambient temperature. TSDHYS is
included in the thermal shutdown circuit so that if an overtemper-
ature event occurs, the ADP5600 does not return to normal
operation until the on-chip temperature drops below 135°C.
Upon recovery, both the charge pump and LDO soft starts are
initiated before normal operation begins.
The junction temperature of the ADP5600 can be calculated by
TJ = TA + (PD × θJA)
where:
TA is the ambient temperature.
θJA is the JEDEC thermal resistance.
PD is the power dissipation in the die, given by
PD = ((VIN – VLDO_OUT) × ILDO_OUT) + (VIN × ISW)
where:
VIN and VLDO_OUT are the input and output voltages, respectively.
ILDO_OUT is the LDO load current.
ISW is the active switching current.
Figure 55 shows junction temperature calculations for different
ambient temperatures and power dissipation.
Figure 55. Junction Temperature vs. Total Power Dissipation at Various
Ambient Temperatures
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TOTAL POWER DISSIPATION (W)
TA = 25°C
TA = 50°C
TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com