Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 17 of 25
PRECISION ENABLE/SHUTDOWN
The EN input pin has a precision analog threshold of 1.2 V
(typical) with 70 mV of hysteresis. When the enable voltage
exceeds 1.2 V, the regulator turns on; when it falls below 1.13 V
(typical), the regulator turns off. To force the regulator to auto-
matically start when input power is applied, connect EN to VIN.
Through an internal switch, the precision EN pin has an internal
pull-down resistor of approximately 1 MΩ, providing a default
turn-off if the EN pin is open. However, it is not recommended
to leave EN open. EN should be pulled high or low to enable or
disable the device, respectively.
When the EN pin voltage exceeds 0.8 V (typical), the ADP5600
starts up and enables its housekeeping block. Below this voltage,
the device operates in a deep shutdown mode for minimum
current consumption. As EN voltage rises to 1.2 V, the precision
enable is triggered, turning on the oscillator, charge pump, and
LDO blocks.
Figure 48. ISW vs. EN Voltage
ADP5600 also includes an output discharge resistor to force the
CPOUT and LDO output voltages to zero when the ADP5600 is
disabled. This procedure ensures that the outputs of CPOUT and
the LDO are always in a well-defined state, whether enabled or not.
OSCILLATOR
The oscillator frequency, fOSC, of the ADP5600 can be set to a value
from 100 kHz to 1 MHz by connecting a resistor, RT, from the
FREQ pin to ground. The oscillator frequency can be estimated
using the following equation:
fOSC [kHz] = 64,700/RT [kΩ]
If RT is approximately 50 kΩ or less, the oscillator frequency clamps
at near 1 MHz.
Figure 49 shows the typical relationship between fOSC and RT.
The adjustable frequency allows the user to make decisions based
on the trade-off between efficiency and solution size.
Figure 49. fOSC vs. RT
SYNCHRONIZATION
To synchronize the ADP5600, connect an external clock to the
SYNC pin. The frequency of the external clock can be in the
range of 180 kHz to 2.2 MHz. The ADP5600 uses the rising
edge of this signal to create the 50% duty cycle charge pump
oscillator. Therefore, each of the two charge pumps operates at
one half of the SYNC frequency, and the input and output
voltage ripple frequency is exactly at the original SYNC input
frequency.
If this external clock is applied to the SYNC pin prior to EN,
then the ADP5600 starts up with the SYNC signal running the
oscillator. If the external clock is applied after the ADP5600
starts up, then the ADP5600 uses the oscillator set by the
condition of the FREQ pin until the SYNC signal becomes
available. In this way, the charge pump starts up normally even
if there is some delay between the enable of the ADP5600 and
the application of the synchronization clock.
7
0
3
2
1
5
4
6
02.0
1.8
0.6
1.4
0.4
1.0
1.6
1.2
0.8
0.2
EN VOLTAGE (V)
TJ = +125ºC
TJ = +25ºC
TJ = –40ºC
1000
0
100
300
600
500
200
400
800
700
900
01000
900
300
700
200
500
800
600
400
100
RT (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com