Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 21 of 25
For the best noise performance, choose the LDO output voltage
nearest to the desired adjustable LDO output voltage without
exceeding it. For example, if the desired adjustable LDO output
voltage is −3.3 V, then choose the −2.5 V LDO output voltage
(SEL1 = GND, SEL2 = floating), and place a resistor divider
between LDO_OUT, FB, and ground. The programmed
adjustable output voltage, VADJ, can be calculated as
1
ADJ
LDO_OUT
R1
VV
R2

 


where:
VADJ
is the programmed adjustable LDO output voltage.
VLDO_OUT
is the LDO output voltage when the LDO_OUT pin is
shorted to the FB pin.
R1
is the feedback resistor between LDO_OUT and FB.
R2
is the feedback resistor between FB and GND (R2 is
recommended to be 40 kΩ or higher).
NOISE REDUCTION
The low output noise of the ADP5600 is achieved by keeping the
LDO error amplifier in unity gain and setting the reference
voltage equal to the output voltage. The ADP5600 uses two feed-
back resistors to adjust the output of the LDO. The disadvantage
of this LDO scheme is that the output voltage noise is proportional
to the error amplifier gain and total feedback resistance.
The LDO circuit can be modified slightly to reduce the output
voltage noise to levels close to that of the fixed output of the
ADP5600. The circuit shown in Figure 59 adds two additional
components to the output voltage setting resistor divider. CNR
and RNR are added in parallel with R2 to reduce the ac gain of
the error amplifier. RNR is chosen to be nearly equal to R2, limiting
the ac gain of the error amplifier to approximately 6 dB. The
actual gain is the parallel combination of RNR and R1 divided by R2.
This resistance ensures that the error amplifier always operates at
greater than unity gain.
CNR is chosen by setting the reactance of CNR equal to R1 − RNR
at a frequency between 10 Hz and 100 Hz. This capacitance sets
the frequency where the ac gain of the error amplifier is 3 dB down
from its dc gain.
Figure 59. Noise Reduction Modification
The noise of the adjustable LDO is found by using the following
formula, assuming the noise of a fixed output LDO is approxi-
mately 59 μV:
Noise
= 59 μV × (RPAR + R2) ÷ R2
where RPAR is a parallel combination of R1 and RNR.
Based on the component values shown in Figure 59, the
ADP5600 has the following characteristics:
•
DC gain of 3 (9.54 dB)
•
High frequency ac gain of 1.67 (4.44 dB)
•
Measured rms noise of the adjustable LDO at −100 mA
without noise reduction of ~163 μV rms
•
Measured rms noise of the adjustable LDO at −100 mA
with noise reduction circuit of ~99 μV rms
Figure 60 shows the difference in noise spectral density for the
adjustable ADP5600 set to −7.5 V with and without the noise
reduction network. In the 20 Hz to 20 kHz frequency range, the
reduction in noise is observable.
Figure 60. VADJ = −7.5 V Adjustable ADP5600 With and Without the
Noise Reduction Network (CNR and RNR)
CHANGING THE OSCILLATOR SOURCE ON-THE-FLY
The Synchronization section describes how the charge pumps
react on application and removal of an external clock on the
SYNC pin. The charge pump frequency transitions smoothly
upon syncing to the external clock. However, upon removal of
the external clock, the charge pump stops switching, which
causes a drop at CPOUT, leaving the CCPOUT supplying the
charge requirement of the output (see Figure 61).
Figure 61. Response of CPOUT upon Removal of the External Clock on SYNC
GND
LDO_OUT
CLDO_OUT
2.2µF
R2
75kΩ
RNR
75kΩ
CNR
100nF
VADJ = –7.5V
R1
150kΩ
FB
+
+
10,000
FREQUENCY (Hz)
1,000
100
10
10
100
1k
10k
100k
1M
10M
1
0.1
WITHOUT NOISE REDUCTION
WITH NOISE REDUCTION
CH1 5.00V BW CH2 5.00V BW
CH3 5.00V BW CH4 5.00V BW
M40µs
A CH2 TIMEOUT
2
3
4
T
C1+
SYNC
VCPOUT
VIN
190.65µs
–2.1V
530kHz
1.1MHz
2.2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com