Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ADP5600
Data Sheet
Rev. 0 | Page 6 of 25
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
VIN, C1+, C2+, EN to GND
−0.3 V to +20 V
PGOOD to GND
−0.3V to +20 V
SYNC to GND
−0.3V to +5.5 V
FREQ to GND
−0.3V to +2.5 V
SEL1, SEL2 to GND
−0.3V to +2.5 V
C1−, C2−, CPOUT, LDO_OUT to GND
−20 V to +0.3 V
FB to GND
−5.5 V to +0.3 V
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in the circuit board (4-layer, JEDEC standard board)
for surface mount packages.
Table 6. Thermal Resistance
Package Type
θJA
θJC
ΨJT
Unit
CP-16-171
45.42
2.22
0.52
°C/W
1
θJA, θJC, and ΨJT are based on a 4-layer PCB (two signal and two power planes)
with four thermal vias connecting the exposed pad to the ground plane.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com