Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP5600ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ADP5600
Data Sheet
Rev. 0 | Page 4 of 25
CHARGE PUMP REGULATOR SPECIFICATIONS
Table 2.
Parameters
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CHARGE PUMP OUTPUT IMPEDANCE
ROUT
9.5
Ω
ICPOUT = −50 mA
ON RESISTANCES
VIN to Cx+ PFET Switch
RCPHx
2.9
4.55
Ω
x = inverting Charge Pump 1 or Charge
Pump 2
Cx− to GND PFET Switch
RCPGx
1.95
3.69
Ω
Cx+ to GND NFET Switch
RFNGx
1.81
3.41
Ω
Cx− to CPOUT NFET Switch
RFNOx
1.83
2.9
Ω
CURRENT LIMIT
Charge Pump Input Current Limit
IPMOSLIMIT
235
280
mA
Charge Pump Output Current Limit
INMOSLIMIT
270
330
mA
OFF STATE ISOLATION LEAKAGE
ICPOUT_LKG
4
6
µA
VIN = 16 V, VEN = 0 V
POWER EFFICIENCY
88
%
VIN = 16 V, ICPOUT = −100 mA
LDO REGULATOR SPECIFICATIONS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER-GOOD
THRESHOLD
Rising Threshold
PGTH_CP
−1.87
−2
−2.1
V
Hysteresis
PGHYS_CP
130
mV
LDO OUTPUT VOLTAGE
LDO_OUT shorted to FB, VIN = +12 V, ILDO_OUT =
−10 mA
SEL1 = GND||SEL2 = GND
VLDO_OUT1
−0.487
−0.505
−0.523
V
SEL1 =NC||SEL2 = GND
VLDO_OUT2
−1.47
−1.5
−1.53
V
SEL1 = GND||SEL2 = NC
VLDO_OUT3
−2.465
−2.5
−2.535
V
SEL1 =NC||SEL2 = NC
VLDO_OUT4
−4.925
−5.0
−5.075
V
LDO LINE REGULATION
∆VLDO_OUT/∆VIN
−0.59
mV/V
VLDO_OUT1 = −0.505 V
−1.04
mV/V
VLDO_OUT2 = −1.5 V
−1.42
mV/V
VLDO_OUT3 = −2.5 V
−2.33
mV/V
VLDO_OUT4 = −5 V
LDO LOAD REGULATION
∆VLDO_OUT/∆ILDO_
OUT
ILDO_OUT = −1 mA to −100 mA
−0.10
mV/mA
VLDO_OUT1 = −0.505 V
−0.12
mV/mA
VLDO_OUT2 = −1.5 V
−0.13
mV/mA
VLDO_OUT3 = −2.5 V
−0.16
mV/mA
VLDO_OUT4 = −5 V
FB BIAS CURRENT
IFB
5
100
nA
LDO CURRENT LIMIT
ILIM_LDO
110
160
mA
DROPOUT VOLTAGE1
VDROPOUT
−21
−58
mV
ILDO_OUT = −10 mA
−111
−190
mV
ILDO_OUT = −100 mA
LDO_OUT DISCHARGE
RESISTOR
400
430
Ω
VEN = 0 V, ILDO_OUT = −1 mA
SOFT START TIME2
tss
160
µs
VLDO_OUT3 = −2.5 V
TOTAL START-UP TIME3
tSTART-UP
900
µs
VLDO_OUT3 = −2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com