Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 23 of 25
DESIGN EXAMPLE
This section provides an example of the step by step design
procedures and the external components required for ADP5600.
Table 9 lists the design requirements for this example.
Table 9. Example Design Requirements for ADP5600
Parameter
Specification
LDO Output Voltage
VLDO_OUT = −3.3 V
LDO Output Current
ILDO_OUT = −100 mA
SETTING THE SWITCHING FREQUENCY OF THE
CHARGE PUMP
The first step is to determine the switching frequency for the
ADP5600 design. In general, higher switching frequencies
produce a smaller solution size due to the lower component
values required, whereas lower switching frequencies result in
higher conversion efficiency due to lower switching losses.
Figure 63. Power Efficiency vs. ICPOUT at Various Oscillator Frequencies
The oscillator frequency of the ADP5600 can be set from
0.1 MHz to 1 MHz by connecting a resistor from the FREQ pin
to ground. The selected resistor allows the user to make decisions
based on the trade-off between efficiency and solution size.
In this design example, a switching frequency of 500 kHz
achieves an ideal combination of small solution size and high
conversion efficiency. To set the switching frequency to 500 kHz,
use the following equation to calculate the RT value:
RT [kΩ] = 64,700/fOSC [kHz]
Therefore, select a standard resistor, RT = 130 kΩ.
SELECTING THE CHARGE PUMP FLYING CAPACITOR
The flying capacitor dictates the amount of voltage drop across
the charge pump due to the output resistance ,which depends
on the charge pump switching frequency.
Operation at high switching frequencies allows the use of
smaller flying capacitances, however, the minimum value is
limited due to its inverse effect on the charge pump impedance.
Refer to Table 10 for the recommended flying capacitor value for
each switching frequency.
Table 10. Recommended Minimum C1 and C2
fOSC
C1 and C2 Capacitances
100 kHz
1 µF
250 kHz
1 µF
500 kHz
1 µF
750 kHz
0.47 µF
1 MHz
0.47 µF
SETTING THE OUTPUT VOLTAGE OF THE LDO
REGULATOR
Select a value for R2 and then calculate R1 by using the following
equation:
R1 = ((VADJ/VLDO_OUT) −1) × R2
where:
VLDO_OUT is −2.5 V.
R1 is the feedback resistor between LDO_OUT and FB.
R2 is the feedback resistor between FB and GND (R2 is
recommended to be 40 kΩ or higher).
To set the output voltage to −3.3 V, R1 is set to 40 kΩ, giving a
calculated R2 value of 155.9 kΩ.
DETERMINING THE MINIMUM VIN VOLTAGE
To achieve the desired performance of the ADP5600, a
minimum input voltage, VIN, is required per application. This
both considers the PSRR performance that requires a headroom
voltage across the LDO and the drop on the charge pump due to
the output resistance. To calculate the minimum VIN, use the
following formula:
VIN = VLDO_OUT + VHR + (ROUT × ICPOUT)
where:
ROUT is the output resistance of the charge pump.
VHR is the LDO headroom required to achieve a certain PSRR
performance. The recommended minimum headroom voltage
is 500 mV.
CPOUT LOAD CURRENT (mA)
fOSC = 100kHz
fOSC = 500kHz
fOSC = 1MHz
100
0
10
30
60
50
20
40
80
70
90
0
–100
–90
–30
–70
–20
–50
–80
–60
–40
–10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com