Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 11 of 25
Figure 22. Start-Up Response, VIN First
Figure 23. Oscillator Frequency (fOSC) Transition,
RT = 110 kΩ to fSYNC = 2.2 MHz
Figure 24. Start-Up Response, VEN First
Figure 25. Oscillator Frequency (fOSC) Transition,
RT = 110 kΩ to fSYNC = 2.2 MHz, ICPOUT = −100 mA
Figure 26. Line Transient Response, VIN = 4 V to 4.2 V, ILDO_OUT = −100 mA
Figure 27. Load Transient Response, ILDO_OUT = −10 mA to −100 mA
CH1 5.00V
CH2 5.00V
CH3 2.00V BW CH4 2.00V BW
M800µs
A CH4
960mV
1
2
3
0
4
T
216µs
PGOOD
T
VIN
VEN
VLDO_OUT
VCPOUT
CH1 5.00V BW CH2 2.00V BW
CH3 5.00V BW CH4 5.00V BW
M4.00µs
A CH2
1.24V
1
2
3
4
T
9.200%
T
SYNC
C1+
C2+
EN
CH1 5.00V BW CH2 5.00V BW
CH3 2.00V BW CH4 2.00V BW
M800µs
A CH1
5.60V
1
2
3
4
T
T
368µs
0
PGOOD
VLDO_OUT
VCPOUT
VIN
VEN
CH1 5.00V BW CH2 2.00V BW
CH3 5.00V BW CH4 5.00V BW
M4.00µs
A CH2
1.64V
1
2
3
4
T
9.200%
T
SYNC
C1+
VLDO_OUT
VCPOUT
CH1 500mV BW CH2 500mV BW
CH3 5.00mVΩBW CH4 5.00V BW
M200µs
1
2
3
4
T
492µs
T
A CH1
4.17V
VIN
C1+
VLDO_OUT
VCPOUT
0.023V/µs
0.025V/µs
CH1 50.0mA BW CH2 2.00mA BW
CH3 10.00mVΩBW CH4 10V
M20.0ms
1
2
3
4
T
60.20000ms
T
A CH1
–58.0mA
C1+
ILDO_OUT
0.011A/µs
VLDO_OUT
VCPOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com