Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5600ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Interleaved Inverting Charge Pump with
Negative LDO Regulator
Data Sheet
ADP5600
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage: 2.7 V to 16 V
Maximum output current: −100 mA
Integrated power MOSFETs
Four LDO selectable output voltage options
−0.505 V, −1.5 V, −2.5 V, −5 V
Adjustable output voltage range: −0.505 V to –VIN + 0.5 V
Programmable charge pump switching frequency range
100 kHz to 1 MHz
Frequency synchronization via SYNC pin
Precision enable and power good
Internal soft start
Output short-circuit and overload protection
Shorted charge pump fly capacitor protection
Integrated LDO output discharge resistor
16-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
Powering the negative rail on bipolar/split supply
ADC/DAC/AMP/mux applications
TYPICAL APPLICATIONS CIRCUITS
Figure 1. Fixed Output Voltage, VLDO_OUT = −2.5 V
Figure 2. Adjustable Output Voltage, VADJ = −7.5 V
GENERAL DESCRIPTION
The ADP5600 is an interleaved charge pump inverter with an
integrated, negative, low dropout (LDO) linear regulator. The
interleaved charge pump inverter exhibits reduced output voltage
ripple and reflected input current noise over conventional inductive
or conventional capacitive based solutions. The integrated LDO
provides a rail with good regulation at sufficient power supply
rejection ratio (PSRR).
The ADP5600 charge pump operates via resistor programming or
external clock synchronization at switching frequency range of
100 kHz to 1 MHz. Operating at a higher switching frequency
allows the use of small input, output, and fly capacitors. To combine
the high switching frequency with internal field effect transistors
(FETs), compensation, and soft start gives a best-in-class total
solution size for negative rail generation.
The ADP5600 also features comprehensive fault protection for
robust applications. These protections include overload protection,
shorted fly capacitor protection, undervoltage lockout (UVLO),
and thermal shutdown. For easy sequencing, the ADP5600 has a
power-good pin.
The integrated LDO of the ADP5600 uses an advanced proprie-
tary architecture to provide high power supply rejection. It also
achieves decent line and load transient response with only a small
2.2 μF ceramic output capacitor. The output can be configured
via the SEL1 and SEL2 pins to one of four fixed output voltages and
is adjustable from −0.505 V to –VIN + 0.5 V via an external
feedback divider.
CC2
1µF
CIN
10µF
EN
SYNC
FREQ
SEL1
RT
1
10kΩ
SEL2
PGOOD
GND
RPGOOD
10kΩ
C1+
ADP5600
C1–
CC1
1µF
C2+
C2–
CPOUT
CPOUT
VCPOUT = ~–12V
LDO_OUT
FB
ON
OFF
VIN
VIN = 12V
CCPOUT
10µF
VLDO_OUT = –2.5V
CLDO_OUT
2.2µF
CC2
1µF
CIN
10µF
EN
SYNC
FREQ
SEL1
RT
1
10kΩ
SEL2
PGOOD
GND
RPGOOD
10kΩ
R2
100kΩ
R1
49.9kΩ
C1+
ADP5600
C1–
CC1
1µF
C2+
C2–
CPOUT
CPOUT
VCPOUT = ~–12V
LDO_OUT
FB
ON
OFF
VIN
VIN = 12V
CCPOUT
10µF
VADJ = –7.5V
CLDO_OUT
2.2µF


Similar Part No. - ADP5600ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5003 AD-ADP5003 Datasheet
1,013Kb / 31P
Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
3/2019-Rev. 0 to Rev. A
ADP5003ACPZ-R7 AD-ADP5003ACPZ-R7 Datasheet
1,013Kb / 31P
Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
3/2019-Rev. 0 to Rev. A
ADP5003CP-EVALZ AD-ADP5003CP-EVALZ Datasheet
1,013Kb / 31P
Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
3/2019-Rev. 0 to Rev. A
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
ADP5014-EVALZ AD-ADP5014-EVALZ Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
More results

Similar Description - ADP5600ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
Negative Output Charge Pump Regulator(100mA)
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
67Kb / 8P
Micro Power Inverting Charge Pump
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
logo
Sanyo Semicon Device
LV5254LG SANYO-LV5254LG Datasheet
141Kb / 14P
Bi-CMOS LSI Inverting Charge Pump Regulator IC
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
Negative Output Charge Pump Regulator
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
Inverting Charge Pump IC
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
Inverting Charge Pump
Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com