Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5600ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 5 of 25
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT NOISE
LDO_OUTNOISE
59
μV rms
10 Hz to 100 kHz, VLDO_OUT3 = −2.5 V
57
μV rms
100 Hz to 100 kHz, VLDO_OUT3 = −2.5 V
163
μV rms
10 Hz to 100 kHz, VADJ = −7.5 V, CNR = open,
RNR = open, R1 = 150 kΩ, R2 = 75 kΩ
158
μV rms
100 Hz to 100 kHz, VADJ = −7.5 V, CNR = open,
RNR = open, R1 = 150 kΩ, R2 = 75 kΩ
99
μV rms
10 Hz to 100 kHz, VADJ= −7.5 V, CNR = 100 nF,
RNR = 75 kΩ, R1 = 150 kΩ, R2 = 75 kΩ
96
μV rms
100 Hz to 100 kHz, VADJ = −7.5 V, CNR = 100 nF,
RNR = 75 kΩ, R1 = 150 kΩ, R2 = 75 kΩ
POWER SUPPLY REJECTION
RATIO
PSRR
45
dB
10 kHz, VLDO_OUT3 = −2.5 V, VIN = +4.5 V
41
dB
100 kHz, VLDO_OUT3 = −2.5 V, VIN = +4.5 V
69
dB
1 MHz, VLDO_OUT = −2.5 V, VIN = +4.5 V
45
dB
10 kHz, VLDO_OUT4 = −5 V, VIN = +6 V
39
dB
100 kHz, VLDO_OUT4 = −5 V, VIN = +6 V
70
dB
1 MHz, VLDO_OUT4 = −5 V, VIN = +6 V
40
dB
10 kHz, VADJ = −7.5 V, VIN = +16 V, adjustable
mode, R1 = 150 kΩ, R2 = 75 kΩ
43
dB
100 kHz, VADJ = −7.5 V, VIN = +16 V, adjustable
mode, R1 = 150 kΩ, R2 = 75 kΩ
68
dB
1 MHz, VADJ = −7.5 V, VIN = +16 V, adjustable
mode, R1 = 150 kΩ, R2 = 75 kΩ
1 Dropout voltage is measured by forcing the input voltage at CPOUT to be equal to the nominal output voltage of LDO_OUT. Dropout applies only for output voltages
below −2.7 V.
2 Soft start time is defined as the time between 0% to 98% of VLDO_OUT.
3 Total start-up time is defined as the time between EN going high to PGTH going high.
RECOMMENDED INPUT AND OUTPUT CAPACITOR SPECIFICATIONS
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CAPACITANCE1
TA = −40°C to +125°C
VIN
CIN
4.7
10
μF
C1
CC1
0.47
1
μF
C2
CC2
0.47
1
μF
CPOUT
CCPOUT
4.7
10
μF
LDO_OUT
CLDO_OUT
1.0
2.2
μF
CAPACITOR EQUIVALENT SERIES RESISTANCE (ESR)
RESR
TA = −40°C to +125°C
CIN, CCPOUT
0.001
0.1
Ω
CLDO_OUT
0.001
0.1
Ω
1 The minimum capacitance over the full range of the operating conditions must be greater than the minimum specifications. Consider the full range of the operating
conditions in the application during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended.
Y5V and Z5U capacitors are not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com