Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5600ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Data Sheet
ADP5600
Rev. 0 | Page 15 of 26
In Figure 41, an oscillator generating antiphase signals (φ1 and
φ2) controls the S1, S2, and S3, S4 switches. During the charging
phase, φ1, the S1 and S2 switches are closed, charging CFLY up to
the voltage at VIN. During output phase, φ2, S1 and S2 open
and S3 and S4 close. The positive terminal of CFLY is connected
to GND via S3 and the negative terminal of CFLY connects to
OUT via S4. The charge on CFLY is transferred to COUT during φ2.
The net result at steady state is voltage inversion at OUT with
respect to GND. Ideally, capacitor COUT maintains its voltage
during φ1. However, due to limited storage capacity, this voltage
drops due to the load (IOUT) until φ2 arrives. This discharging
and charging action of COUT is the output ripple. The charge
transfer efficiency depends on the on-resistance of the switches,
the frequency at which they are being switched, and on the
equivalent series resistance (ESR) of the external capacitors. For
minimum losses and maximum efficiency, capacitors with low
ESR are, therefore, recommended.
The charging and discharging current are always discontinuous
and the output voltage ripple for the charge pumps is always
2
OUT
OUT
OSC
OUT
I
V
fC


Similarly, the input voltage ripple is always
2
OUT
IN
OSC
IN
I
V
fC


where:
ΔVOUT is the output voltage ripple.
ΔVIN is the input voltage ripple.
IOUT
is the charge pump load current.
fOSC
is the charge pump switching frequency.
CIN
is the charge pump input capacitor.
COUT
is the charge pump output capacitor.
Therefore, the voltage ripple (noise) can only be improved by
decreasing IOUT (impractical), increasing the switching frequency
(less efficient), or increasing the capacitance (costly).
By adding another charge pump of the opposite phase, the
ADP5600 offers a solution with an almost continuous current
flowing at the input and output nodes, greatly reducing the
voltage ripple.
INTERLEAVED INVERTING CHARGE PUMP
OPERATION
The ADP5600 has two inverting charge pumps that operate in
an interleaving manner, requiring the use of two small flying
capacitors (CC1 and CC2), which are typically of the same value.
Each fly capacitor operates on a separate charge pump inverter that
runs out of phase with each other. The output is then combined at
CPOUT as shown in Figure 42. The interleaving operation
results in a periodic ripple that is twice the frequency of the
oscillator.
Figure 42. Interleaved Operation
This approach provides a roughly constant input and output
current that dramatically reduces the voltage ripple. For an
interleaved inverting charge pump, the output voltage ripple is
given by

2
4
1
CPOUT
CPOUT
CPOUT
OUT
ON
OSC
CPOUT
C1
CPOUT
I
VI
R
R
fC
C
C

 

where:
ΔVCPOUT is the ripple voltage in CPOUT.
ICPOUT
is the load current in CPOUT.
fOSC
is the charge pump switching frequency.
CCPOUT
is the output capacitor in CPOUT.
CC1
is the fly capacitor.
ROUT
is the effective output resistance of the charge pump.
RON
is the average on resistance of the four switches.
β =
8
1
OSC
ON
C1
ef
R
C

.
A comparison of the conventional charge pump topology and the
interleaving approach is shown in Figure 43 and Figure 44.
Figure 43. Noninterleaved Charge Pump Operation (fOSC = 500 kHz,
CIN = 10 μF, C1 = 1 μF, C2 = Float, CCPOUT = 10 μF)
+
CCPOUT
CPOUT = –VIN
VIN
C2+
C2–
OSCILLATOR
Ф1
Ф2
+
CC2
VIN
+
CIN
CPH1
CPH2
CPG1
CPG2
FNG1
FNG2
FNO1
FNO2
C1+
C1–
+
CC1
CH1 2.00mVΩBW CH2 2.00mVΩBW
CH3 10V BW
M1.00µs A CH4
6.80V
1
2
3
T
VIN
C+
CPOUT
T
0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com