Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 110 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 106Page - STMicroelectronics VG6640 Datasheet HTML 107Page - STMicroelectronics VG6640 Datasheet HTML 108Page - STMicroelectronics VG6640 Datasheet HTML 109Page - STMicroelectronics VG6640 Datasheet HTML 110Page - STMicroelectronics VG6640 Datasheet HTML 111Page - STMicroelectronics VG6640 Datasheet HTML 112Page - STMicroelectronics VG6640 Datasheet HTML 113Page - STMicroelectronics VG6640 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 126 page
background image
Application
VG6640, VD6640
110/126
DocID023597 Rev 11
11.4.1
Clock source
The image sensor can accept a square wave clock input of any frequency in the range of
12MHz to 50MHz.
The clock input has a Schmitt trigger and is high impedance in any mode including the
power off state.
11.4.2
Quartz crystal
When using a quartz crystal in combination with the image sensor’s internal oscillator block,
the crystal must meet the following specification.
Figure 38. Equivalent model of crystal
The internal oscillator block is not designed to operate with overtone type crystals.
Please contact your local STMicroelectronics support representative for further information
regarding the use of the crystal oscillator feature.
Table 62. Recommended crystal specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CL
Crystal load capacitance(1)
1. CL = CA*CB/(CA+CB) + CO
815
pF
CO
Total crystal shunt capacitance
8pF < CL < 12pF
0
3
pF
12pF < CL < 15pF
0
5
CA, CB
Total input or output
capacitance(2)
2. Including ball, board, component and parasitic capacitances
8pF < CL < 12pF
10
19
pF
12pF < CL < 15pF
14
27
Crystal
CA
CB
CA
CB
Cm
Rm
Lm
CO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com