Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG6640 Datasheet(PDF) 111 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 107Page - STMicroelectronics VG6640 Datasheet HTML 108Page - STMicroelectronics VG6640 Datasheet HTML 109Page - STMicroelectronics VG6640 Datasheet HTML 110Page - STMicroelectronics VG6640 Datasheet HTML 111Page - STMicroelectronics VG6640 Datasheet HTML 112Page - STMicroelectronics VG6640 Datasheet HTML 113Page - STMicroelectronics VG6640 Datasheet HTML 114Page - STMicroelectronics VG6640 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 126 page
background image
DocID023597 Rev 11
111/126
VG6640, VD6640
Application
125
11.5
I2C pull-up resistors
If the I2C interface is to only be used in Fast mode (400KHz) then a pull-up resistor value of
around 1K ohm is recommended for the SDA signal.
If the I2C interface is to be used in Fast+ mode (1MHz) then the value of pull-up resistor
must be chosen to ensure I2C bus constraints are met in both Fast and Fast+ mode. This is
due to the fact the 6640 will initially be in Fast mode, with a low current sink capability on
SDA, then will be switched to Fast+ mode via an I2C write. To ensure that the SDA signal
can correctly ACK a transaction in Fast mode the pull-up resistance must not be too low. A
value of around 600 ohms is appropriate to meet this constraint.
Correct characteristics of the I2C signals should always be check by measurements on
actual circuit boards as PCB parasitic capacitance can affect the signal rise and fall times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com