Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 22Page - Analog Devices ADF4401ABCEZ Datasheet HTML 23Page - Analog Devices ADF4401ABCEZ Datasheet HTML 24Page - Analog Devices ADF4401ABCEZ Datasheet HTML 25Page - Analog Devices ADF4401ABCEZ Datasheet HTML 26Page - Analog Devices ADF4401ABCEZ Datasheet HTML 27Page - Analog Devices ADF4401ABCEZ Datasheet HTML 28Page - Analog Devices ADF4401ABCEZ Datasheet HTML 29Page - Analog Devices ADF4401ABCEZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 26 of 39
Address: 0x1A, Default: 0x03, Name: REG001A
14-Bit MOD2 Value.
0
1
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[5:0] MOD2WORD[13:8] (R/W)
Table 20. Bit Descriptions for REG001A
Bit(s)
Bit Name
Description
Default
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
MOD2WORD[13:8]
14-Bit MOD2 Value. Sets the MOD2 value.
0x3
R/W
Address: 0x1E, Default: 0x48, Name: REG001E
Charge Pum p Current Setting.
Counter Res et.
Internal Phas e Detector Polarity.
Power-Down.
0
0
1
0
2
0
3
1
4
0
5
0
6
1
7
0
[7:4] CP_CURRENT (R/W)
[0] CNTR_RESET (R/W)
[3] PD_POL (R/W)
[1] RESERVED
[2] PD (R/W)
Table 21. Bit Descriptions for REG001E
Bit(s)
Bit Name
Description
Default
Access
[7:4]
CP_CURRENT
Charge Pump Current Setting. Sets the charge pump current. Set the CP_CURRENT bits to the
charge pump current that the loop filter is designed for.
0x4
R/W
0: 0.35 mA.
1: 0.70 mA.
10: 1.05 mA.
11: 1.4 mA.
100: 1.75 mA.
101: 2.1 mA.
110: 2.45 mA.
111: 2.8 mA.
1000: 3.15 mA.
1001: 3.5 mA.
1010: 3.85 mA.
1011: 4.2 mA.
1100: 4.55 mA.
1101: 4.9 mA.
1110: 5.25 mA.
1111: 5.6 mA.
3
PD_POL
Internal Phase Detector Polarity. If using a noninverting loop filter, set phase detector polarity
to positive. If using an inverting loop filter, set phase detector polarity to negative.
0x1
R/W
0: negative phase detector polarity.
1: positive phase detector polarity.
2
PD
Power-Down. Setting to 1 powers down all internal PLL blocks of the VCO/PLL. The VCO and
multipliers remain powered up. The registers do not lose their values. After bringing the
ADF4401A back to calibration mode (setting to 0) a write to REG0010 is required to relock the
calibration loop.
0x0
R/W
0: calibration mode.
1: translation loop mode.
1
RESERVED
Reserved.
0x0
R
0
CNTR_RESET
Counter Reset. Setting to 1 holds the N divider and R counter in reset. There are no signals
entering the PFD.
0x0
R/W
0: normal operation.
1: counter reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com