Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 17Page - Analog Devices ADF4401ABCEZ Datasheet HTML 18Page - Analog Devices ADF4401ABCEZ Datasheet HTML 19Page - Analog Devices ADF4401ABCEZ Datasheet HTML 20Page - Analog Devices ADF4401ABCEZ Datasheet HTML 21Page - Analog Devices ADF4401ABCEZ Datasheet HTML 22Page - Analog Devices ADF4401ABCEZ Datasheet HTML 23Page - Analog Devices ADF4401ABCEZ Datasheet HTML 24Page - Analog Devices ADF4401ABCEZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 21 of 39
EXTERNAL PHASE DETECTOR
To take advantage of the ability of the architecture of offset
loop PLLs to generate extremely low noise carrier frequencies,
it is important to use a phase detector or PFD that can operate
at high frequencies, minimizing the need for any dividers that
can degrade the in band noise response.
The 1.3 GHz phase comparison frequency of the HMC3716
makes it ideal for use with the IF range of the ADF4401A. The
ability of such a circuit to compare both frequency and phase
means no additional circuitry is required to steer the frequency
to the intended output frequency.
Mixers can also be used as phase detectors, but these require
additional circuitry to steer the frequency within the capture
range of the mixer (the intended frequency ± the external loop
bandwidth).
PHASE DETECTOR REFERENCE
In addition to choosing a low noise LO source and high frequency
low noise phase detector, the reference frequency to the external
phase detector is also of critical importance. For most applications,
the external phase detector reference must have fast switching
and high resolution. For this reason, direct digital synthesizers
(DDSs) are highly recommended. A devices like the AD9162 is
suitable and cover the IF range of the ADF4401A.
POWER SUPPLIES
To ensure optimal performance, connect a low noise regulator,
such as the ADM7150, to all supply pins.
PCB DESIGN GUIDELINES
Connect all of the GND pins to as large a copper pour or plane
area as possible on the top layer. Avoid breaking the ground
connection between the external components and the ADF4401A.
For optimal heatsinking, use vias to connect the GND copper
area to the internal ground planes of the PCB. Liberally
distribute these GND vias to provide both an optimal ground
connection and thermal path to the internal planes of the PCB.
Pay attention to the location and density of the thermal vias.
The ADF4401A can benefit from the heatsinking afforded by
vias that connect to internal GND planes at these locations due
to their proximity to internal power handling components. The
optimum number of thermal vias depends on the PCB design.
For example, a PCB may use small via holes and therefore must
employ more thermal vias than a board that uses larger holes.
For a microwave PLL and VCO synthesizer, such as the
ADF4401A, care must be taken with the board stackup and
layout. Do not use FR4 material because it can cause signal
power loss above 3 GHz. Instead, the Rogers 4350, Rogers 4003,
or Rogers 3003 dielectric material is suitable.
Care must be taken with the RF output traces to minimize
discontinuities and ensure optimal signal integrity. Via placement
and grounding are critical.
OUTPUT MATCHING
The RF8P and RF8N pins can be ac-coupled to the next circuit,
if desired. However, if higher output power is required, use a
pull-up inductor to VRF_OUT to increase the output power
level as shown in Figure 34.
7.5nH
10pF
RF8P
VRF_OUT
50
Ω
Figure 34. Optimum Output Stage
When differential outputs are not needed, terminate the
unused output or combine the outputs using a balun.
For frequencies below 2 GHz, use a 100 nH inductor instead of
a 7.5 nH inductor on the RF8P and RF8N pins.
The RF8P and RF8N pins are a differential circuit. Provide each
output with the same (or similar) components where possible,
such as a similar shunt inductor value, bypass capacitor, and
termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com