Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 24Page - Analog Devices ADF4401ABCEZ Datasheet HTML 25Page - Analog Devices ADF4401ABCEZ Datasheet HTML 26Page - Analog Devices ADF4401ABCEZ Datasheet HTML 27Page - Analog Devices ADF4401ABCEZ Datasheet HTML 28Page - Analog Devices ADF4401ABCEZ Datasheet HTML 29Page - Analog Devices ADF4401ABCEZ Datasheet HTML 30Page - Analog Devices ADF4401ABCEZ Datasheet HTML 31Page - Analog Devices ADF4401ABCEZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 28 of 39
Address: 0x22, Default: 0x00, Name: REG0022
Choos e Between Single-Ended or
Differential REFin.
RDIV2.
Reference Doubler.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] RESERVED
[3:0] RESERVED
[6] REFIN_MODE (R/W)
[4] RDIV2 (R/W)
[5] REF_DOUB (R/W)
Table 24. Bit Descriptions for REG0022
Bit(s)
Bit Name
Description
Default
Access
7
RESERVED
Reserved.
0x0
R
6
REFIN_MODE
Choose Between Single-Ended or Differential REFIN.
0x0
R/W
0: single-ended REFIN.
1: differential REFIN.
5
REF_DOUB
Reserved.
0x0
R/W
4
RDIV2
RDIV2. Controls the reference divide by 2 clock. This feature can be used to provide a 50%
duty cycle signal to the PFD.
0x0
R/W
0: RDIV2 disabled.
1: RDIV2 enabled.
[3:0]
RESERVED
Reserved.
0x0
R
Address: 0x24, Default: 0x80, Name: REG0024
Feedback.
Divis ion Selection.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
1
[7] FB_SEL (R/W)
[3:0] RESERVED
[6:4] DIV_SEL (R/W)
Table 25. Bit Descriptions for REG0024
Bit(s)
Bit Name
Description
Default
Access
7
FB_SEL
Feedback.
0x1
R/W
0: divider feedback to N counter.
1: fundamental feedback to N counter.
[6:4]
DIV_SEL
Division Selection.
0x0
R/W
0: divide 1.
1: divide 2.
10: divide 4.
11: divide 8.
100: divide 16.
101: divide 32.
110: divide 64.
111: reserved.
[3:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com