Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 15Page - Analog Devices ADF4401ABCEZ Datasheet HTML 16Page - Analog Devices ADF4401ABCEZ Datasheet HTML 17Page - Analog Devices ADF4401ABCEZ Datasheet HTML 18Page - Analog Devices ADF4401ABCEZ Datasheet HTML 19Page - Analog Devices ADF4401ABCEZ Datasheet HTML 20Page - Analog Devices ADF4401ABCEZ Datasheet HTML 21Page - Analog Devices ADF4401ABCEZ Datasheet HTML 22Page - Analog Devices ADF4401ABCEZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 19 of 39
HMC3716
PFD
VTUNE
SMA100B
LPF
LPF
LPF
LPF
LPF
ACTIVE FILTER
USING LT6200
SMA100B
CLOCK INPUT
VCO
MIXER
DIV
VTUNE
RF OUTPUT
LO INPUT
ADF4401A
IFOUT
REFP, REFN
AMP
÷
10dB PAD
R
N
P
F
D
ADG1219
HPF
AMP
Figure 32. ADF4401A Evaluation Setup Block Diagram
VCO CALIBRATION, A WORKED EXAMPLE
Internal PLL blocks (internal PFD and internal N and R dividers)
are used for VCO calibration. All parameters are referred to as
internal PLL in this section. Use the following equations to
program the ADF4401A synthesizer:
PFD
RFOUT
FRAC2
FRAC1
f
MOD2
f
INT
MOD1
RF Divider

+

=
+×



(7)
where:
fRFOUT is the RF output frequency.
INT is the integer division factor.
FRAC1 is the fractionality.
FRAC2 is the auxiliary fractionality.
MOD1 is the fixed 25-bit modulus.
MOD2 is the auxiliary modulus.
RF Divider is the output divider that divides down the VCO
frequency.
fPFD = REFIN × (1/(R × (1 + T)))
(8)
where:
REFIN is the reference frequency input.
R is the reference division factor.
T is the reference divide by 2 bit (0 or 1).
For example, in a universal mobile telecommunication system
(UMTS), where a 2112.8 MHz fRFOUT is required, a 122.88 MHz
REFIN is available. The ADF4401A VCO operates in the frequency
range of 4 GHz to 8 GHz. Therefore, the RF divider of 2 must be
used (VCO frequency = 4225.6 MHz, RFOUT = VCO frequency/RF
divider = 4225.6 MHz/2 = 2112.8 MHz).
The feedback path is also important. In this example, the VCO
output is fed back before the output divider (see Figure 33).
In this example, the 122.88 MHz reference signal is divided by 2
to generate a fPFD of 61.44 MHz. The desired channel spacing
frequency is 200 kHz.
fPFD
VCO
N
DIVIDER
÷2
RF OUTPUT
PFD
Figure 33. Loop Closed Before Output Divider
The values used in this worked example are as follows:
N = fVCO_OUT/fPFD = 4225.6 MHz/61.44 MHz =
68.7760416666666667
(9)
where:
N is the desired value of the feedback counter, N.
fVCO_OUT is the output frequency of the VCO without using the
output divider.
fPFD is the frequency of the phase frequency detector.
INT = INT(VCO frequency/fPFD) = 68
(10)
FRAC = 0.7760416666666667
(11)
where FRAC is the fractional part of the N.
MOD1 = 33,554,432
(12)
FRAC1 = INT(MOD1 × FRAC) = 26,039,637
(13)
Remainder = 0.3333333333 or 1/3
(14)
MOD2 = fPFD/GCD(fPFD, fCHSP) =
61.44 MHz/GCD(61.44 MHz, 200 kHz) = 1536
(15)
where GCD is the greatest common divider operant.
FRAC2 = Remainder × 1536 = 512
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com