Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 16Page - Analog Devices ADF4401ABCEZ Datasheet HTML 17Page - Analog Devices ADF4401ABCEZ Datasheet HTML 18Page - Analog Devices ADF4401ABCEZ Datasheet HTML 19Page - Analog Devices ADF4401ABCEZ Datasheet HTML 20Page - Analog Devices ADF4401ABCEZ Datasheet HTML 21Page - Analog Devices ADF4401ABCEZ Datasheet HTML 22Page - Analog Devices ADF4401ABCEZ Datasheet HTML 23Page - Analog Devices ADF4401ABCEZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 20 of 39
From Equation 8,
fPFD = (122.88 MHz × (1/2) = 61.44 MHz
(17)
2112.8 MHz = 61.44 MHz × ((INT + (FRAC1 +
FRAC2/MOD2)/225))/2
(18)
where:
INT = 68.
FRAC1 = 26,039,637.
MOD2 = 1536.
FRAC2 = 512.
RF Divider = 2.
VCO CALIBRATION TIME
The VCO calibration settling time divides into a number of
settings. The total lock time for changing frequencies is the sum
of the four separate times: synthesizer lock, VCO band selection,
automatic level calibration (ALC), and calibration PLL settling
time.
Synthesizer Lock
The synthesizer lock timeout ensures that the VCO calibration
DAC, which forces the VCO tune voltage (VTUNE), has settled
to a steady value for the band select circuitry. SYNTH_LOCK_
TIMEOUT and timeout select the length of time the DAC is
allowed to settle to the final voltage before the VCO calibration
process continues to the next phase (VCO band selection).
The PFD frequency is the clock for this logic, and the duration
is set using the following equation:
×+
_
_
1024
PFD
SYNTH LOCK TIMEOUT
timeout
f
(19)
where:
SYNTH_LOCK_TIMEOUT is programmed in REG0033.
Timeout is programmed in REG0031 and REG0032.
The calculated time must be greater than or equal to 20 µs.
For the SYNTH_LOCK_TIMEOUT bit, the minimum value is
2 and the maximum value is 31. For the timeout bit, the
minimum value is 2 and the maximum value is 1023.
VCO Band Selection
VCO_BAND_DIV (programmed in the REG0030 register) and
the fPFD are used to generate the VCO band selection clock as
follows:
__
PFD
BSC
f
f
VCO BAND DIV
=
(20)
where fBSC is the band select clock frequency.
The calculated frequency must be less than 2.4 MHz.
16 clock cycles are required for one VCO core and band calibration
step, and the total band selection process takes 11 steps, resulting
in the following equation:
×
× 16
_
_
11
PFD
VCO BAND DIV
f
(21)
The minimum value for VCO_BAND_DIV is 1 and the
maximum value is 255.
Automatic Level Calibration
Use the ALC function to choose the correct bias current in the
ADF4401A VCO core. The duration required for the VCO bias
voltage to settle for each step is set by the following equation:
×+
_
_
1024
PFD
VCO ALC TIMEOUT
timeout
f
(22)
where
VCO_ALC_TIMEOUT and timeout are programmed in the
REG0034, REG0032, and REG0031 registers.
The calculated time must be greater than or equal to 50 µs.
The total ALC takes 63 steps, as shown in the following
equation:
×+
×
_
_
1024
63
PFD
VCO ALC TIMEOUT
timeout
f
(23)
The minimum value for VCO_ALC_TIMEOUT is 2, and the
maximum value is 31.
Calibration PLL Settling Time
The time taken for the loop to settle is inversely proportional to
the low-pass filter bandwidth. The settling time is accurately
modeled in the ADIsimPLL design tool.
Calibration Lock Time, a Worked Example
Assume that fPFD = 61.44 MHz,
VCO_BAND_DIV = Ceiling(fPFD/2,400,000) = 26
(24)
where Ceiling() rounds up to the nearest integer.
SYNTH_LOCK_TIMEOUT × 1024 + timeout > 1228.8
(25)
VCO_ALC_TIMEOUT × 1024 + timeout > 3072
(26)
There are several suitable values that meet these criteria. By
considering the minimum specifications, the following values
are the most suitable:
•
SYNTH_LOCK_TIMEOUT = 2 (minimum value)
•
VCO_ALC_TIMEOUT = 3
•
Timeout = 2
Much faster lock times than those detailed in this data sheet are
possible by bypassing the calibration processes. See the AN-
2005 Application Note for more information.
LOCAL OSCILLATOR (LO_IN)
The selection of an external LO to the ADF4401A is of critical
importance. Because the divider function has been replaced by a
mixer, the phase noise of the external LO modulates the carrier
frequency inside the PLL loop bandwidth and dominates the
measured phase noise. For this reason, only the highest
performance LO sources, such as voltage controlled surface
acoustic wave (SAW) oscillators (VCSOs), comb generators, and
dielectric resonator oscillators (DROs), are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com