Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 5Page - Analog Devices ADF4401ABCEZ Datasheet HTML 6Page - Analog Devices ADF4401ABCEZ Datasheet HTML 7Page - Analog Devices ADF4401ABCEZ Datasheet HTML 8Page - Analog Devices ADF4401ABCEZ Datasheet HTML 9Page - Analog Devices ADF4401ABCEZ Datasheet HTML 10Page - Analog Devices ADF4401ABCEZ Datasheet HTML 11Page - Analog Devices ADF4401ABCEZ Datasheet HTML 12Page - Analog Devices ADF4401ABCEZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 9 of 39
Pin No.
Mnemonic
Description
29
IFOUT
Amplified Downconverted Output from the Mixer. Connect the IFOUT pin to an
external phase detector or PFD.
34, 35
VCC_IF1
5 V Supply to the IF Amplifier Connected to the Mixer IF Output.
49
LO_IN
External RF Input to the Downconversion Mixer. Power can range from −3 dBm to
+3 dBm. Take care to isolate LO_IN from the VCO circuitry and RF output. The LO_IN
pin is matched internally to 50 Ω and must be ac-coupled.
52
X2_EN
Mixer Doubler Enable. A logic high to X2_EN doubles the LO_IN frequency to the
downconversion mixer.
53, 54
VCC_MIX
Power Supply for Downconversion Mixer. The voltage on the VCC_MIX pin ranges
from 3.15 V to 3.45 V. VCC_MIX must have the same value as AVDD, nominally 3.3 V.
59
VCC_RF
5 V Supply to the RF Amplifier Connected to the Mixer RF Input.
62
VRF_INT
Power Supply for PLL and VCO Auxiliary RF Output Driving the Mixer. The voltage on
the VRF_INT pin ranges from 3.15 V to 3.45 V. VRF_INT must have the same value as
AVDD, nominally 3.3 V.
66
RF8P
RF Output. The output level is programmable. The VCO fundamental output or a
divided down version is available. Pull-up inductors to VRF_OUT increase the output
power level.
68
RF8N
Complementary RF Output. The output level is programmable. The VCO fundamental
output or a divided down version is available. Pull-up inductors to VRF_OUT increase
the output power level.
70, 71
VRF_OUT
Power Supply for PLL and VCO Main RF Output. The voltage on the VRF_OUT pin
ranges from 3.15 V to 3.45 V. VRF_OUT must have the same value as AVDD, nominally
3.3 V.
72
VCC_DIV
Power Supply for the VCO Output Stage and Divider. The voltage on the VCC_DIV pin
must have the same value as AVDD, nominally 3.3 V.
74
VCC_NDIV
N Divider Power Supply. The voltage on the VCC_NDIV pin must have the same value
as AVDD, nominally 3.3 V.
75
VCC_REG
Regulator Input for 1.8 V Digital Logic. The voltage on the VCC_REG pin must have the
same value as AVDD, nominally 3.3 V.
76
CS
Chip Select, CMOS Input. When CS goes high, the data stored in the shift register is
loaded into the register that is selected by the address bits.
77
SDIO
Serial Data Input Output. This input is a high impedance CMOS input.
78
SCLK
Serial Clock Input. Data is clocked into the 24-bit shift register on the clock rising edge.
This input is a high impedance CMOS input.
79
CE
Chip Enable. Connect to 3.3 V or AVDD. A logic low on the CE pin shuts down the PLL
and VCO circuitry.
EPAD
Exposed Pad. The land grid array (LGA) has an exposed pad that must be soldered to a
metal plate on the PCB for mechanical reasons and to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com