Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 29Page - Analog Devices ADF4401ABCEZ Datasheet HTML 30Page - Analog Devices ADF4401ABCEZ Datasheet HTML 31Page - Analog Devices ADF4401ABCEZ Datasheet HTML 32Page - Analog Devices ADF4401ABCEZ Datasheet HTML 33Page - Analog Devices ADF4401ABCEZ Datasheet HTML 34Page - Analog Devices ADF4401ABCEZ Datasheet HTML 35Page - Analog Devices ADF4401ABCEZ Datasheet HTML 36Page - Analog Devices ADF4401ABCEZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 33 of 39
Bit(s)
Bit Name
Description
Default
Access
5
ADC_FAST_CONV
ADC Fast Conversion.
0x0
R/W
0: disabled.
1: enabled.
4
ADC_CTS_CONV
ADC Continuous Conversion.
0x0
R/W
0: disabled.
1: enabled.
3
ADC_CONVERSION
Enables ADC Conversion.
0x0
R/W
0: no ADC conversion.
1: perform ADC conversion on REG0000 write if ADC is enabled.
2
ADC_ENABLE
ADC Enable.
0x1
R/W
0: disabled.
1: enabled.
[1:0]
TIMEOUT[9:8]
Used as Part of the ALC Wait Time and Synthetic Lock Time. See the VCO Calibration
Time section for details.
0x0
R/W
Address: 0x33, Default: 0x0C, Name: REG0033
Part of VCO Calibration Routine.
0
0
1
0
2
1
3
1
4
0
5
0
6
0
7
0
[7:5] RESERVED
[4:0] SYNTH_LOCK_TIMEOUT (R/W)
Table 37. Bit Descriptions for REG0033
Bit(s)
Bit Name
Description
Default
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
SYNTH_LOCK_TIMEOUT
Part of VCO Calibration Routine. See the VCO Calibration Time section for
details.
0xC
R/W
Address: 0x34, Default: 0x9E, Name: REG0034
Res erved.
Wait Tim e for ALC Loop to Settle.
0
0
1
1
2
1
3
1
4
1
5
0
6
0
7
1
[7:5] VCO_FSM_TEST_MODES (R/W)
[4:0] VCO_ALC_TIMEOUT (R/W)
Table 38. Bit Descriptions for REG0034
Bit(s)
Bit Name
Description
Default
Access
[7:5]
VCO_FSM_TEST_MODES
Reserved.
0x4
R/W
[4:0]
VCO_ALC_TIMEOUT
Wait Time for ALC Loop to Settle. See the VCO Calibration Time section for
details.
0x1E
R/W
Address: 0x35, Default: 0x4C, Name: REG0035
ADC Clock Divider.
0
0
1
0
2
1
3
1
4
0
5
0
6
1
7
0
[7:0] ADC_CLK_DIVIDER (R/W)
Table 39. Bit Descriptions for REG0035
Bit(s)
Bit Name
Description
Default
Access
[7:0]
ADC_CLK_DIVIDER
ADC Clock Divider. ADC clock = fPFD/((ADC_CLK_DIVIDER × 4) + 2). Target 100 kHz for
ADC clock Refer to AN-2005 for more details.
0x4C
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com