Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 3Page - Analog Devices ADF4401ABCEZ Datasheet HTML 4Page - Analog Devices ADF4401ABCEZ Datasheet HTML 5Page - Analog Devices ADF4401ABCEZ Datasheet HTML 6Page - Analog Devices ADF4401ABCEZ Datasheet HTML 7Page - Analog Devices ADF4401ABCEZ Datasheet HTML 8Page - Analog Devices ADF4401ABCEZ Datasheet HTML 9Page - Analog Devices ADF4401ABCEZ Datasheet HTML 10Page - Analog Devices ADF4401ABCEZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 7 of 39
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD Rails to GND1
−0.3 V to +3.6 V
AVDD Rails to Each Other
−0.3 V to +0.3 V
VCC_VCO to AVDD
−0.3 V to AVDD + 2.8 V
VCC_RF, VCC_IF1, VCC_IF2, and
VCC_VCO to GND1
−0.3 V to +5.5 V
VCC_MIX to AVDD
−0.3 V to VCC_MIX +
0.3 V
VCC_MIX to GND1
−0.3 V to +3.6 V
CPOUT to GND1
−0.3 V to AVDD + 0.3 V
VTUNE to GND1
−0.3 V to AVDD + 0.3 V
Digital Input and Output Voltage to
GND1
−0.3 V to AVDD + 0.3 V
Analog Input and Output Voltage to
GND1
−0.3 V to AVDD + 0.3 V
REFP and REFN to GND1
−0.3 V to AVDD + 0.3 V
REFP to REFN
±2.1 V
Temperature
Operating Range
−25°C to +85°C
Storage Range
−65°C to +125°C
Maximum Junction
125 °C
Reflow Soldering
Peak
260 °C
Time at Peak
30 sec
Transistor Count
CMOS
152000
Bipolar
8000
1
GND = 0 V.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection, junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
CE-80-11
27.9
12.1
°C/W
1
Test Condition 1: thermal impedance simulated values are based on use of a
4-layer PCB with the thermal impedance paddle soldered to a ground plane.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADF4401A
Table 5. ADF4401A, 80-Terminal LGA_CAV
ESD Model
Withstand Threshold (V)
Class
HBM
±5001
1B
CDM
±1252
C0B
1
All pins except IFOUT rated at ±2500 V HBM classification test level (Class 2).
2
All pins except IFOUT, LO_IN, RF8P, and RF8N rated at ±500 V CDM
classification test level (Class C2A). RF8P pin and RF8N pin rated at ±250 V
CDM classification test level (Class C1).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com