Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 10Page - Analog Devices ADF4401ABCEZ Datasheet HTML 11Page - Analog Devices ADF4401ABCEZ Datasheet HTML 12Page - Analog Devices ADF4401ABCEZ Datasheet HTML 13Page - Analog Devices ADF4401ABCEZ Datasheet HTML 14Page - Analog Devices ADF4401ABCEZ Datasheet HTML 15Page - Analog Devices ADF4401ABCEZ Datasheet HTML 16Page - Analog Devices ADF4401ABCEZ Datasheet HTML 17Page - Analog Devices ADF4401ABCEZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 14 of 39
CIRCUIT DESCRIPTION
RF AMPLIFIER
The ADF4401A integrates an RF amplification stage between the
VCO output stage and the RF input of the mixer (see Figure 24).
The primary function of the RF amplifiers is to provide the
required drive level for the mixer and increase the effective
isolation of the LO on the RF output. A high-pass filter (HPF)
helps ensure spectral purity at the RF output and minimizes the
IF feedthrough to the RF output of the ADF4401A.
FROM VCO
MIXER LO
HPF
RF AMPLIFIER
Figure 24. RF Amplifiers
DOWNCONVERSION MIXER
DOWNCONVERSION
MIXER
RF
LO_IN
FROM RF
AMPLIFIER
TO IF AMPLIFIER
LO
IF
×2
SW1
SW2
Figure 25. Downconversion Mixer
The mixer selected for the translation loop meets the following
requirements:
•
Operates in the required frequency range
•
High RF to LO isolation
•
Low noise figure
The LO_IN pin is connected to the mixer LO input. An
optional doubler on the LO path allows the user to select either
the LO_IN frequency or 2× LO_IN frequency to drive the
downconversion mixer. This doubler reduces the requirement
for external LO frequencies considerably.
IF AMPLIFIER
The ADF4401A integrates an IF amplification stage between the
output of the mixer and the IFOUT pin (see Figure 26). The IF
amplifier increases the LO to IF isolation of the mixer and
provides the required 15 dBm IFOUT drive level. Low-pass
filters (LPFs) placed before and after the IF amplifier remove
unwanted high frequency products from the mixer.
IF AMPLIFIER
IFOUT
MIXER IF
LPF
Figure 26. IF Amplifiers
CALIBRATION REFERENCE INPUT
Figure 27 shows the reference input stage of the calibration
PLL. This reference input assists the VCO in selecting the most
appropriate VCO band for optimal performance. When the
appropriate band is selected, the reference input can be shut down,
and the VCO can be locked with an external PFD circuit.
The reference input can accept both single-ended and differential
signals. Use the reference mode bit (REG0022, Bit 6) to select
the input mode. To use a differential signal on the reference input,
program REG0022, Bit 6 to 1. When using a differential signal,
SW1 and SW2 are open, SW3 and SW4 are closed, and the current
source that drives the differential pair of transistors switches on.
The differential signal is buffered and provided to an emitter
coupled logic (ECL) to the CMOS converter.
When a single-ended signal is used as the reference, connect
the reference signal to REFP and program REG0022, Bit 6 to 0.
When using a single-ended signal, SW1 and SW2 are closed,
SW3 and SW4 are open, and the current source that drives the
differential pair of transistors switches off.
50Ω
50Ω
REFP
REFN
AVDD
BIAS
GENERATOR
BUFFER
85k
SW2
SW3
SW1
INPUT MODE
SW4
ECL TO CMOS
BUFFER
TO
R COUNTER
MULTIPLEXER
Figure 27. Reference Input Stage, Differential Mode
RF N DIVIDER
The RF N divider allows a division ratio in the calibration PLL
feedback path. Determine the division ratio by the integer value
of N (INT), main fractional value (FRAC1), auxiliary fractional
value (FRAC2), and auxiliary modulus value (MOD2) that the
RF N divider comprises.
INT, FRAC1, FRAC2, MOD1, MOD2, and R Counter
Relationship
The INT, FRAC1, FRAC2, MOD1, and MOD2 values, in
conjunction with the R counter, make it possible to generate
output frequencies that are spaced by fractions of the PDF
frequency (fPFD). For more information, see the VCO
Calibration, a Worked Example section.
Calculate the VCO output frequency (fVCO_OUT) using the
following equation:
fVCO_OUT = fPFD × N
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com