Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 25Page - Analog Devices ADF4401ABCEZ Datasheet HTML 26Page - Analog Devices ADF4401ABCEZ Datasheet HTML 27Page - Analog Devices ADF4401ABCEZ Datasheet HTML 28Page - Analog Devices ADF4401ABCEZ Datasheet HTML 29Page - Analog Devices ADF4401ABCEZ Datasheet HTML 30Page - Analog Devices ADF4401ABCEZ Datasheet HTML 31Page - Analog Devices ADF4401ABCEZ Datasheet HTML 32Page - Analog Devices ADF4401ABCEZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 29 of 39
Address: 0x25, Default: 0x07, Name: REG0025
Select Output Power Level.
Select if DIV_SEL is Double Buffered.
RFOUT Enable.
0
1
1
1
2
1
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[1:0] RF_OUT_POWER (R/W)
[5] RF_DIVSEL_DB (R/W)
[2] RF_EN (R/W)
[4:3] RESERVED
Table 26. Bit Descriptions for REG0025
Bit(s)
Bit Name
Description
Default
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
RF_DIVSEL_DB
Select if DIV_SEL is Double Buffered.
0x0
R/W
[4:3]
RESERVED
Reserved.
0x0
R/W
2
RF_EN
RFOUT Enable.
0x1
R/W
0: RFOUT disabled.
1: RFOUT enabled.
[1:0]
RF_OUT_POWER
Select Output Power Level.
0x3
R/W
0: −4 dBm.
1: −1 dBm.
10: 2 dBm.
11: 5 dBm.
Address: 0x27, Default: 0xC5, Name: REG0027
Lock Detect Bias .
Lock Detect Precis ion.
0
1
1
0
2
1
3
0
4
0
5
0
6
1
7
1
[7:6] LD_BIAS (R/W)
[4:0] RESERVED
[5] LDP (R/W)
Table 27. Bit Descriptions for REG0027
Bit(s)
Bit Name
Description
Default
Access
[7:6]
LD_BIAS
Lock Detect Bias. The lock detector window size is set by adjusting the lock detector
bias in conjunction with the lock detector precision.
0x3
R/W
0: 5 ns lock detect delay if LDP = 0.
1: 6 ns.
10: 8 ns.
11: 12 ns lock detect delay (for large values of bleed)
5
LDP
Lock Detect Precision. Controls the sensitivity of the digital lock detector, depending on
INT or FRAC operation selected.
0x0
R/W
0: FRAC mode (5 ns).
1: INT mode (2.4 ns).
[4:0]
RESERVED
Reserved.
0x5
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com