Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 8Page - Analog Devices ADF4401ABCEZ Datasheet HTML 9Page - Analog Devices ADF4401ABCEZ Datasheet HTML 10Page - Analog Devices ADF4401ABCEZ Datasheet HTML 11Page - Analog Devices ADF4401ABCEZ Datasheet HTML 12Page - Analog Devices ADF4401ABCEZ Datasheet HTML 13Page - Analog Devices ADF4401ABCEZ Datasheet HTML 14Page - Analog Devices ADF4401ABCEZ Datasheet HTML 15Page - Analog Devices ADF4401ABCEZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 12 of 39
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
2
3
4
5
6
7
8
OUTPUT FREQUENCY (GHz)
LO_IN = 4GHz
LO_IN = 4.4GHz
LO_IN = 6GHz
LO_IN = 6.6GHz
LO_IN = 8GHz
LO_IN = 8.8GHz
Figure 19. Spurious Signals on RF Output Within ±100 MHz Offset from Carrier
1
2
3
4
5
6
7
8
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
OUTPUT FREQUENCY (GHz)
LO_IN = 4GHz
LO_IN = 4.4GHz
LO_IN = 6GHz
LO_IN = 6.6GHz
LO_IN = 8GHz
LO_IN = 8.8GHz
Figure 20. Spurious Signals on RF Output Outside of ±100 MHz Offset from Carrier
–125
–130
–135
–140
–145
–150
–155
–160
–165
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
1kHz
10kHz
100kHz
1MHz
10MHz
100MHz
–122.46dBc/Hz
–134.81dBc/Hz
–137.34dBc/Hz
–143.57dBc/Hz
–146.98dBc/Hz
–163.94dBc/Hz
SN1
SN2
SN3
SN4
SN6
SN5
Figure 21. Closed-Loop Phase Noise at 6.45 GHz Output, LO_IN = 6 GHz,
SMA100B Used as External LO and Reference to External Phase Detector
1
0
2
3
4
5
6
7
8
9
–140
–120
–100
–80
–60
–40
–20
0
RF FREQUENCY (GHz)
Figure 22. LO_IN to IFOUT Feedthrough for Different LO_IN Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com