Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 12Page - Analog Devices ADF4401ABCEZ Datasheet HTML 13Page - Analog Devices ADF4401ABCEZ Datasheet HTML 14Page - Analog Devices ADF4401ABCEZ Datasheet HTML 15Page - Analog Devices ADF4401ABCEZ Datasheet HTML 16Page - Analog Devices ADF4401ABCEZ Datasheet HTML 17Page - Analog Devices ADF4401ABCEZ Datasheet HTML 18Page - Analog Devices ADF4401ABCEZ Datasheet HTML 19Page - Analog Devices ADF4401ABCEZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
ADF4401A
Data Sheet
Rev. 0 | Page 16 of 39
DOUBLE BUFFERS
The FRAC1 value, FRAC2 value, MOD2 value, reference doubler,
reference divide by 2 (RDIV2), R counter value, and charge
pump current setting are double buffered in the ADF4401A.
Two events must occur before the ADF4401A uses a new value
for any of the double buffered settings. First, the new value must
latch into the device by writing to the appropriate register, and
second, a new write to the REG0010 register must be
performed.
For example, to ensure that the MOD2 value loads correctly,
the REG0010 register must be written to every time the MOD2
value updates.
VCO
The VCO core in the ADF4401A consists of four separate VCO
cores: Core A, Core B, Core C, and Core D. Each core uses 256
overlapping bands, which allows the device to cover a wide
frequency range with small VCO sensitivity (KV) and optimal
phase noise and spurious performance.
The proper VCO and band are chosen automatically by the
VCO and band select logic whenever the REG0010 register is
updated and automatic calibration is enabled. The VTUNE pin is
disconnected from the output of the loop filter and is connected
to an internal reference voltage.
The R counter output is used as the clock for the band select
logic. After band selection, normal PLL action resumes. The
nominal value of KV along with an average value are shown in
Figure 30 when the N divider is driven from the VCO output,
or the KV value is divided by D. D is the output divider value if
the N divider is driven from the RF output divider.
The VCO shows the variation of KV as the tuning voltage,
VTUNE, varies both within the band and from band to band.
For wideband applications covering a wide frequency range
(and changing output dividers), a value of 80 MHz/V provides the
most accurate KV, because this value is closest to the average value.
150
90
100
110
120
130
140
80
70
60
50
40
30
20
10
0
4.0
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
FREQUENCY (GHz)
Figure 30. VCO Sensitivity, KV vs. Frequency
OUTPUT STAGE
The RF8P and RF8N pins of the ADF4401A connect to the
collectors of a bipolar negative positive negative (NPN) differential
pair driven by buffered outputs of the VCO, as shown in Figure 31.
The ADF4401A contains internal 50 Ω resistors connected to
the VRF_OUT pins. To optimize the power dissipation vs. the
output power requirements, the tail current of the differential
pair is programmable using REG0025, Bits[1:0]. Four current
levels can be set. These levels provide approximate output power
levels of −4 dBm, −1 dBm, 2 dBm, and 5 dBm. Levels of −4 dBm
and −1 dBm can be achieved by ac coupling into a 50 Ω load. The
2 dBm and 5 dBm levels must be used with an external shunt
inductor to VRF_OUT, or else the output stage may compress.
An inductor has a narrower operating frequency than a 50 Ω
resistor. For accurate power levels, refer to the Typical
Performance Characteristics section. Add an external shunt
inductor to provide higher power levels, which is less wideband
than the internal bias only. Terminate the unused complementary
output with a circuit similar to the used output.
VCO
RF8P
RF8N
VRF_OUT
VRF_OUT
50Ω
50Ω
BUFFER,
DIVIDE BY
1, 2, 4, 8,
16, 32, 64
Figure 31. Output Stage
SPI
The SPI of the ADF4401A allows the user to configure the device
as required via a 3-wire or 4-wire SPI port. This interface provides
users with added flexibility and customization. The SPI consists
of four control lines: SCLK, SDIO, CS, and MUXOUT.
MUXOUT is the serial data output in 4-wire SPI mode. The
timing requirements for the SPI port are detailed in Table 2.
The SPI protocol consists of a read and write bit and 15 register
address bits, followed by eight data bits. Both the address and
data fields are organized with the MSB first and end with the
LSB by default. Figure 3 and Figure 4 show the timing diagrams
for SPI writes and reads, respectively. The significant bit order
can be changed via the REG0000 register, Bit 1 (LSB_FIRST)
setting, and the related timing diagram is shown in Figure 2.
The ADF4401A input logic level for the write cycle is compatible
with a 1.8 V logic level. On a read cycle, both the SDIO and
MUXOUT pins are configurable for 1.8 V (default) or 3.3 V output
levels by the LEV_SEL bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com