Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 27Page - Analog Devices ADF4401ABCEZ Datasheet HTML 28Page - Analog Devices ADF4401ABCEZ Datasheet HTML 29Page - Analog Devices ADF4401ABCEZ Datasheet HTML 30Page - Analog Devices ADF4401ABCEZ Datasheet HTML 31Page - Analog Devices ADF4401ABCEZ Datasheet HTML 32Page - Analog Devices ADF4401ABCEZ Datasheet HTML 33Page - Analog Devices ADF4401ABCEZ Datasheet HTML 34Page - Analog Devices ADF4401ABCEZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 31 of 39
Address: 0x2C, Default: 0x44, Name: REG002C
Autom atic VCO Bias Control (ALC).
Res erved.
Tem perature Dependent VCO Calibration
Voltage.
Res erved.
Res erved.
0
0
1
0
2
1
3
0
4
0
5
0
6
1
7
0
[7] RESERVED
[0] DISABLE_ALC (R/W)
[6] ALC_RECT_SELECT_VCO1 (R/W)
[1] VTUNE_CALSET_EN (R/W)
[5] ALC_REF_DAC_LO_VCO1 (R/W)
[4:2] ALC_REF_DAC_NOM_VCO1 (R/W)
Table 30. Bit Descriptions for REG002C
Bit(s)
Bit Name
Description
Default
Access
7
RESERVED
Reserved.
0x0
R
6
ALC_RECT_SELECT_VCO1
Reserved.
0x1
R/W
5
ALC_REF_DAC_LO_VCO1
Reserved.
0x0
R/W
[4:2]
ALC_REF_DAC_NOM_VCO1
Reserved.
0x1
R/W
1
VTUNE_CALSET_EN
Temperature Dependent VCO Calibration Voltage.
0x0
R/W
0: disable temperature dependent VCO calibration voltage.
1: enable temperature dependent VCO calibration voltage.
0
DISABLE_ALC
Automatic VCO Bias Control (ALC).
0x0
R/W
0: ALC enabled.
1: ALC disabled.
Address: 0x2D, Default: 0x11, Name: REG002D
Res erved.
Res erved.
Res erved.
0
1
1
0
2
0
3
0
4
1
5
0
6
0
7
0
[7:5] RESERVED
[2:0] ALC_REF_DAC_NOM_VCO2 (R/W)
[4] ALC_RECT_SELECT_VCO2 (R/W)
[3] ALC_REF_DAC_LO_VCO2 (R/W)
Table 31. Bit Descriptions for REG002D
Bit(s)
Bit Name
Description
Default
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
ALC_RECT_SELECT_VCO2
Reserved.
0x1
R/W
3
ALC_REF_DAC_LO_VCO2
Reserved.
0x0
R/W
[2:0]
ALC_REF_DAC_NOM_VCO2
Reserved.
0x1
R/W
Address: 0x2E, Default: 0x10, Name: REG002E
Res erved.
Res erved.
Res erved.
0
0
1
0
2
0
3
0
4
1
5
0
6
0
7
0
[7:5] RESERVED
[2:0] ALC_REF_DAC_NOM_VCO3 (R/W)
[4] ALC_RECT_SELECT_VCO3 (R/W)
[3] ALC_REF_DAC_LO_VCO3 (R/W)
Table 32. Bit Descriptions for REG002E
Bit(s)
Bit Name
Description
Default
Access
[7:5]
RESERVED
Reserved.
0x0
R
4
ALC_RECT_SELECT_VCO3
Reserved.
0x1
R/W
3
ALC_REF_DAC_LO_VCO3
Reserved.
0x0
R/W
[2:0]
ALC_REF_DAC_NOM_VCO3
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com