Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4401ABCEZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4401ABCEZ
Description  Translation Loop, PLL, VCO Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4401ABCEZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4401ABCEZ Datasheet HTML 9Page - Analog Devices ADF4401ABCEZ Datasheet HTML 10Page - Analog Devices ADF4401ABCEZ Datasheet HTML 11Page - Analog Devices ADF4401ABCEZ Datasheet HTML 12Page - Analog Devices ADF4401ABCEZ Datasheet HTML 13Page - Analog Devices ADF4401ABCEZ Datasheet HTML 14Page - Analog Devices ADF4401ABCEZ Datasheet HTML 15Page - Analog Devices ADF4401ABCEZ Datasheet HTML 16Page - Analog Devices ADF4401ABCEZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Data Sheet
ADF4401A
Rev. 0 | Page 13 of 39
THEORY OF OPERATION
PFD
MIXER
RF
LO
LO_IN
RF OUTPUT
VTUNE
REF_PFD
CPOUT
IFOUT
ADF4401A
REFP, REFN
IF
AMP
AMP
LPF
HPF
LPF
VCO
CALIBRATION
RF8P, RF8N
÷1, 2, 4, 8,
16, 32, 64
Figure 23. ADF4401A Translation Loop Block Diagram
The ADF4401A is an SiP translation loop (offset loop) module
that includes the VCO and calibration PLL circuit, a
downconversion mixer, and RF and IF amplifiers. This SiP
translates the lower REF_PFD frequency of the external PFD up to
a higher frequency range of 4 GHz to 8 GHz, as determined by
the LO_IN pin.
The phase noise in a PLL circuit can be described as having two
components: a flat noise component known as the PLL noise floor
and a 1/f noise profile component known as the PLL 1/f noise.
A PLL circuit with a low N divider value allows the user to
design a frequency synthesizer with correspondingly low phase
noise performance. See the RF N Divider section for more
information.
The translation loop synthesizer decouples the required channel
spacing from the N divider value to optimize the phase noise of
the PLL. In this translation loop synthesizer circuit, N = 1 is used.
As shown in Figure 23, the ADF4401A locks the higher RF
output frequency range of 4 GHz to 8 GHz to the REF_PFD
frequency of the external PFD. The integrated mixer and the
LO_IN pin perform the divider function of this PLL circuit.
The integrated RF amplifiers provide the required LO isolation,
and the IF amplifiers provide the required external IFOUT levels.
With the LO in the feedback loop, the equation at the external
PFD is as follows for high-side injection (IF = LO − RF):
REF_PFD/R = (LO_IN − RF8x)/N
where:
R is the R divider.
N is the N divider.
For low-side injection (IF = RF − LO),
REF_PFD/R = (RF8x − LO_IN)/N
In this circuit, R and N = 1. Thus, the output frequency is
RF8x = LO_IN ± REF_PFD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com